Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NEX2300 Datasheet (PDF) - NEC

NEX2300 Datasheet PDF - NEC
Part # NEX2300
Download  NEX2300 Download
File Size   119.56 Kbytes
Page   3 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 2.3 GHz POWER OSCILLATOR TRANSISTOR

NEX2300 Datasheet (PDF)

Go To PDF Page Download Datasheet
NEX2300 Datasheet PDF - NEC

Part # NEX2300
Download  NEX2300 Click to download

File Size   119.56 Kbytes
Page   3 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 2.3 GHz POWER OSCILLATOR TRANSISTOR

NEX2300 Datasheet (HTML) - NEC


NEX2300 Product details

DESCRIPTION AND APPLICATIONS
The NEX2300 series is an NPN transistor using NECs advanced Stepped Electrode Transistor (SET) structure with emitter ballasting resistors. The Pt-Si/Ti/Au metallization system assures optimum reliability. The series is provided in grounded collector hermetic packages ideal for power oscillator applications in L thru S-bands.

FEATURES
● HIGH POWER: 3.2 W AT 2.3 GHz
● HIGH EFFICIENCY: 30%
● LOW AM &FM NOISE
● HGIH RELIABILITY
● COMMON COLLECTOR




Similar Part No. - NEX2300

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
NEX-DDR2MP60BSC TEKTRONIX-NEX-DDR2MP60BSC Datasheet
7Mb / 46P
Digital and Mixed Signal Oscilloscopes
NEX-DDR2MP60BSCSK TEKTRONIX-NEX-DDR2MP60BSCSK Datasheet
7Mb / 46P
Digital and Mixed Signal Oscilloscopes
NEX-DDR2MP84BSC TEKTRONIX-NEX-DDR2MP84BSC Datasheet
7Mb / 46P
Digital and Mixed Signal Oscilloscopes
NEX-DDR2MP84BSCSK TEKTRONIX-NEX-DDR2MP84BSCSK Datasheet
7Mb / 46P
Digital and Mixed Signal Oscilloscopes
NEX-DDR3MP78BSC TEKTRONIX-NEX-DDR3MP78BSC Datasheet
7Mb / 46P
Digital and Mixed Signal Oscilloscopes
More results


Similar Description - NEX2300

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH2323-1 MACOM-PH2323-1 Datasheet
147Kb / 2P
CW Power Transistor, 1W 2.3 GHz
PH2323-14 MACOM-PH2323-14 Datasheet
148Kb / 2P
CW Power Transistor,14W 2.3 GHz
PH2323-3 MACOM-PH2323-3 Datasheet
114Kb / 2P
CW Power Transistor, 3.5W 2.3 GHz
PH2323-5 MACOM-PH2323-5 Datasheet
143Kb / 2P
CW Power Transistor, 5W ,2.3 GHz
logo
NEC
NEL2301 NEC-NEL2301 Datasheet
225Kb / 7P
CLASS A 2.3 GHZ 15 VOLT POWER TRANSISTOR
logo
M/A-COM Technology Solu...
PH2323-1 MA-COM-PH2323-1 Datasheet
125Kb / 2P
CW Power Transistor 1W, 2.3 GHz
PH2323-3 MA-COM-PH2323-3 Datasheet
125Kb / 2P
CW Power Transistor 3.5W, 2.3 GHz
PH2323-5 MA-COM-PH2323-5 Datasheet
124Kb / 2P
CW Power Transistor 5W, 2.3 GHz
PH2323-14 MA-COM-PH2323-14 Datasheet
134Kb / 2P
CW Power Transistor 14W, 2.3 GHz
logo
Tyco Electronics
PH2323-3 MACOM-PH2323-3 Datasheet
125Kb / 2P
CW Power Transistor 3.5W, 2.3 GHz
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com