Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH615AA Datasheet (PDF) - Vishay Siliconix

SFH615AA Datasheet PDF - Vishay Siliconix
Part # SFH615AA
Download  SFH615AA Download
File Size   122.05 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS

SFH615AA Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH615AA Datasheet PDF - Vishay Siliconix

Part # SFH615AA
Download  SFH615AA Click to download

File Size   122.05 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS

SFH615AA Datasheet (HTML) - Vishay Siliconix


SFH615AA Product details

DESCRIPTION
The SFH615XXX features a large assortment of current
transfer ratio, low coupling capacitance and high isolation
voltage. These couplers have a GaAs infrared emitting diode
emitter, which is optically coupled to a silicon planar
phototransistor detector, and is incorporated in a plastic
DIP-4 package.
The coupling devices are designed for signal transmission
between two electrically separated circuits.
The couplers are end-stackable with 2.54 mm lead spacing.
Creepage and clearance distances of > 8 mm are achieved
with option 6. This version complies with 60950
(DIN VDE 0805) for reinforced insulation up to operation
voltage of 400 VRMS or DC.

FEATURES
• Low CTR degradation
• Good CTR linearity depending on forward
current
• Isolation test voltage, 5300 VRMS
• High collector emitter voltage, VCEO = 70 V
• Low saturation voltage
• Fast switching times
• Temperature stable
• Low coupling capacitance
• End stackable, 0.100" (2.54 mm) spacing
• High common mode interference immunity (unconnected
base)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - SFH615AA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615AA VISHAY-SFH615AA Datasheet
194Kb / 7P
Optocoupler, High Reliability, 5300 VRMS
19-Apr-04
SFH615AA VISHAY-SFH615AA Datasheet
116Kb / 7P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
10-Jan-08
SFH615AA VISHAY-SFH615AA Datasheet
104Kb / 6P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
23-May-13
SFH615AA VISHAY-SFH615AA Datasheet
121Kb / 6P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMSs
21-Feb-18
SFH615AA-X001 VISHAY-SFH615AA-X001 Datasheet
121Kb / 6P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMSs
21-Feb-18
More results


Similar Description - SFH615AA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
10-Jan-08
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
23-Mar-06
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
14-Jan-13
SFH6106-2T VISHAY-SFH6106-2T Datasheet
159Kb / 9P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
23-May-13
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
28-Oct-14
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
19-Oct-15
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
31-Aug-15
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
27-Aug-2021
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
08-Feb-13
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
27-Aug-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com