Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCET1100 Datasheet (PDF) - Vishay Siliconix

TCET1100 Datasheet PDF - Vishay Siliconix
Part # TCET1100
Download  TCET1100 Download
File Size   143.29 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, High Temperature

TCET1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCET1100 Datasheet PDF - Vishay Siliconix

Part # TCET1100
Download  TCET1100 Click to download

File Size   143.29 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, High Temperature

TCET1100 Datasheet (HTML) - Vishay Siliconix


TCET1100 Product details

DESCRIPTION
The TCET110. consists of a phototransistor optically
coupled to a gallium arsenide infrared-emitting diode in a
4-lead plastic dual inline package.

FEATURES
• High common mode rejection
• Low temperature coefficient of CTR
• CTR offered in 7 groups
• Reinforced isolation provides circuit
protection against electrical shock (safety
class II)
• Isolation materials according to UL 94 V-0
• Pollution degree 2 (DIN / VDE 0110 / resp. IEC 60664)
• Climatic classification 55 / 100 / 21 (IEC 60068 part 1)
• Rated impulse voltage (transient overvoltage)
VIOTM = 6 kVpeak
• Isolation test voltage (partial discharge test voltage)
Vpd = 1.6 kV
• Rated isolation voltage (RMS includes DC)
VIOWM = 600 VRMS
• Rated recurring peak voltage (repetitive)
VIORM = 848 Vpeak
• Creepage current resistance according to VDE 0303 /
IEC 60112 comparative tracking index: CTI ≥ 175
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - TCET1100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
Optocoupler with Phototransistor Output
08-Sep-99
TCET1100 VISHAY-TCET1100 Datasheet
191Kb / 10P
Optocoupler, Phototransistor Output, High Temperarure
16-May-08
TCET1100 VISHAY-TCET1100 Datasheet
142Kb / 9P
Optocoupler, Phototransistor Output, High Temperature
13-Jan-2021
TCET1100G VISHAY-TCET1100G Datasheet
262Kb / 11P
Optocoupler with Phototransistor Output
08-Sep-99
TCET1100G VISHAY-TCET1100G Datasheet
191Kb / 10P
Optocoupler, Phototransistor Output, High Temperarure
16-May-08
More results


Similar Description - TCET1100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO615A VISHAY-VO615A Datasheet
154Kb / 9P
Optocoupler, Phototransistor Output, High Temperature, 110 °C, Rated
04-Mar-08
TCET1110 VISHAY-TCET1110_07 Datasheet
203Kb / 11P
Optocoupler, Phototransistor Output, High Temperature, 110 °C Rated
21-Nov-07
VO615A-4X009T VISHAY-VO615A-4X009T Datasheet
201Kb / 9P
Optocoupler, Phototransistor Output, High Temperature
15-Feb-13
VO615A-6X001 VISHAY-VO615A-6X001 Datasheet
198Kb / 9P
Optocoupler, Phototransistor Output, High Temperature
09-Sep-13
VO615A-2X009T VISHAY-VO615A-2X009T Datasheet
198Kb / 9P
Optocoupler, Phototransistor Output, High Temperature
09-Sep-13
VO615A-6X009T VISHAY-VO615A-6X009T Datasheet
198Kb / 9P
Optocoupler, Phototransistor Output, High Temperature
09-Sep-13
TCET1100G VISHAY-TCET1100G_V01 Datasheet
142Kb / 9P
Optocoupler, Phototransistor Output, High Temperature
13-Jan-2021
VO615A VISHAY-VO615A_V01 Datasheet
205Kb / 10P
Optocoupler, Phototransistor Output, High Temperature
08-Feb-17
VO615A VISHAY-VO615A_V02 Datasheet
205Kb / 10P
Optocoupler, Phototransistor Output, High Temperature
08-Feb-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com