Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCLT101 Datasheet (PDF) - Vishay Siliconix

TCLT101 Datasheet PDF - Vishay Siliconix
Part # TCLT101
Download  TCLT101 Download
File Size   175.91 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, LSOP-4, 110 °C Rated, Long Mini-Flat Package

TCLT101 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCLT101 Datasheet PDF - Vishay Siliconix

Part # TCLT101
Download  TCLT101 Click to download

File Size   175.91 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, LSOP-4, 110 °C Rated, Long Mini-Flat Package

TCLT101 Datasheet (HTML) - Vishay Siliconix


TCLT101 Product details

DESCRIPTION
The TCLT101. series consists of a phototransistor optically
coupled to a gallium arsenide infrared-emitting diode in a
4-lead LSOP package.

FEATURES
• SMD low profile 4 lead package
• High isolation 5000 VRMS
• CTR flexibility available see order information
• Extra low coupling capacitance
• Connected base
• DC input with transistor output
• Temperature range -55 °C to +110 °C
• Creepage distance > 8 mm
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912




Similar Part No. - TCLT101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT101 VISHAY-TCLT101 Datasheet
150Kb / 8P
Optocoupler, Phototransistor Output, SOP-6L4,110 C Rated, Long Mini-Flat Package
08-Jan-14
TCLT101 VISHAY-TCLT101 Datasheet
175Kb / 9P
Optocoupler, Phototransistor Output, LSOP-4, 110 °C Rated, Long Mini-Flat Packages
19-Jan-16
TCLT101. VISHAY-TCLT101. Datasheet
175Kb / 9P
Optocoupler, Phototransistor Output, LSOP-4, 110 °C Rated, Long Mini-Flat Packages
19-Jan-16
TCLT1010 VISHAY-TCLT1010 Datasheet
150Kb / 8P
Optocoupler, Phototransistor Output, SOP-6L4,110 C Rated, Long Mini-Flat Package
08-Jan-14
TCLT1010 VISHAY-TCLT1010 Datasheet
175Kb / 9P
Optocoupler, Phototransistor Output, LSOP-4, 110 °C Rated, Long Mini-Flat Packages
19-Jan-16
More results


Similar Description - TCLT101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH1690BT VISHAY-SFH1690BT Datasheet
132Kb / 8P
Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 C Rated
23-May-13
TCLT1017 VISHAY-TCLT1017 Datasheet
150Kb / 8P
Optocoupler, Phototransistor Output, SOP-6L4, 110 C Rated, Long Mini-Flat Package
08-Jan-14
TCLT111 VISHAY-TCLT111 Datasheet
152Kb / 7P
Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
15-Oct-15
VOL617A VISHAY-VOL617A_15 Datasheet
176Kb / 9P
Optocoupler, Phototransistor Output, 4 Pin LSOP, Long Creepage Mini-Flat Package
13-Oct-15
SFH1690AT VISHAY-SFH1690AT_V01 Datasheet
131Kb / 8P
Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 °C Rated
23-May-13
TCLT101 VISHAY-TCLT101_V01 Datasheet
175Kb / 9P
Optocoupler, Phototransistor Output, LSOP-4, 110 °C Rated, Long Mini-Flat Packages
19-Jan-16
VOL617A VISHAY-VOL617A_V01 Datasheet
219Kb / 10P
Optocoupler, Phototransistor Output, 4 Pin LSOP, Long Creepage Mini-Flat Package
28-Jan-2019
VOL617A VISHAY-VOL617A_V02 Datasheet
220Kb / 10P
Optocoupler, Phototransistor Output, 4 Pin LSOP, Long Creepage Mini-Flat Package
28-Jan-2019
SFH1690AT VISHAY-SFH1690AT_V02 Datasheet
131Kb / 8P
Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 °C Rated
23-May-13
TCLT111 VISHAY-TCLT111_V02 Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
15-Oct-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com