Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

508310-2MA Datasheet (PDF) - Japan Automatic Machine Co., Ltd.

508310-2MA Datasheet PDF - Japan Automatic Machine Co., Ltd.
Part # 508310-2MA
Download  508310-2MA Download
File Size   306.62 Kbytes
Page   3 Pages
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.
Description 2 Position Housing Connector Crimp 24-30 AWG

508310-2MA Datasheet (PDF)

Go To PDF Page Download Datasheet
508310-2MA Datasheet PDF - Japan Automatic Machine Co., Ltd.

Part # 508310-2MA
Download  508310-2MA Click to download

File Size   306.62 Kbytes
Page   3 Pages
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.
Description 2 Position Housing Connector Crimp 24-30 AWG

508310-2MA Datasheet (HTML) - Japan Automatic Machine Co., Ltd.




Similar Part No. - 508310-2MA

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
50831 AIC-50831 Datasheet
369Kb / 24P
STRATO-THERM Terminals & Splices for High Temperature Applications
50831-1 AIC-50831-1 Datasheet
369Kb / 24P
STRATO-THERM Terminals & Splices for High Temperature Applications
More results


Similar Description - 508310-2MA

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0502128000 MOLEX7-0502128000 Datasheet
106Kb / 3P
2.00mm (.079") Pitch Crimp Terminal, Female, 24-30 AWG, Reel
0700580096 MOLEX8-0700580096 Datasheet
109Kb / 2P
SL Crimp Terminal 70058, 24-30 AWG, Loose, Tin (Sn)
1044408041 MOLEX11-1044408041 Datasheet
96Kb / 3P
2.00mm (.079") Pitch Crimp Terminal, Female, 24-30 AWG, Reel
logo
Tyco Electronics
2-106527-0 MACOM-2-106527-0 Datasheet
99Kb / 1P
AMP-DUAC (TM) RECEPTACLE HOUSING, 2 TO 24 POSITION
2-106527-2 MACOM-2-106527-2 Datasheet
99Kb / 1P
AMP- DUAC (TM) RECEPTACLE HOUSING, 2 TO 24 POSITION
2-106527-4 MACOM-2-106527-4 Datasheet
99Kb / 1P
AMP-DUAC (TM) RECEPTACLE HOUSING, 2 TO 24 POSITION
logo
Molex Electronics Ltd.
63819-0500 MOLEX11-63819-0500 Datasheet
49Kb / 1P
Hand Crimp Tool for 2.00mm Pitch Terminal, 24-30 AWG
63900-3100 MOLEX11-63900-3100 Datasheet
50Kb / 1P
FineAdjust Applicator for Female Crimp Terminal, 24-30 AWG Wire
0638190500 MOLEX-0638190500 Datasheet
39Kb / 2P
Hand Crimp Tool for 2.00mm Pitch Terminal, 24-30 AWG
08/26/2022
logo
Japan Automatic Machine...
JC-SERIES JAM-JC-SERIES Datasheet
244Kb / 3P
5 Position Housing Connector Crimp 22-30 AWG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com