Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMH Datasheet (PDF) - Japan Automatic Machine Co., Ltd.

SMH Datasheet PDF - Japan Automatic Machine Co., Ltd.
Part # SMH
Download  SMH Download
File Size   454.38 Kbytes
Page   6 Pages
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.
Description Connector Header Through Hole 3 position 0.098" (2.50mm)

SMH Datasheet (PDF)

Go To PDF Page Download Datasheet
SMH Datasheet PDF - Japan Automatic Machine Co., Ltd.

Part # SMH
Download  SMH Click to download

File Size   454.38 Kbytes
Page   6 Pages
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.
Description Connector Header Through Hole 3 position 0.098" (2.50mm)

SMH Datasheet (HTML) - Japan Automatic Machine Co., Ltd.


SMH Product details

FEATURES
●An outer lock design improves the housing and wafer engaging and
disengaging workability.
●2 ribs on both sides of the housing lock avoid a wrong engagement on
wafers.
●The plug housing is the same as and usable for RMH connector for
junction. Provided that parts, circuits, etc. of the junction connector
are the same, it can be received by the harness if required for a
structural reason.




Similar Part No. - SMH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMH ETC2-SMH Datasheet
95Kb / 3P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Illinois Capacitor, Inc...
SMH ILLINOISCAPACITOR-SMH Datasheet
218Kb / 2P
Small size ??Extended Life ??Low cost
logo
Sanyou Corporation Limi...
SMH SANYOU-SMH Datasheet
115Kb / 4P
Miniature High Power Relay
logo
Stackpole Electronics, ...
SMH SEI-SMH Datasheet
267Kb / 4P
Surface Mount Wirewound Resistor
8/31/2022
logo
Nippon Precision Circui...
SMH-01B01-01 NPC-SMH-01B01-01 Datasheet
426Kb / 13P
PythPits Series Infrared Array Sensor Module
More results


Similar Description - SMH

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TFM-105-02-S-D-LC-P-TR SAMTEC-TFM-105-02-S-D-LC-P-TR Datasheet
1Mb / 2P
SMT THROUGH-HOLE HEADER
logo
Tyco Electronics
640498-1 MACOM-640498-1 Datasheet
104Kb / 1P
HEADER ASSEMBLY, PIN, 3 POSITION, MR.
logo
Samtec, Inc
FTSH-120-01-F-D-EJ SAMTEC-FTSH-120-01-F-D-EJ Datasheet
990Kb / 1P
THROUGH-HOLE MICRO HEADER
TFM-105-02-S-D-P-TR SAMTEC-TFM-105-02-S-D-P-TR Datasheet
1Mb / 2P
SMT & THROUGH-HOLE HEADER
TFM-105-02-S-D SAMTEC-TFM-105-02-S-D Datasheet
1Mb / 2P
SMT & THROUGH-HOLE HEADER
TFM-105-02-L-D SAMTEC-TFM-105-02-L-D Datasheet
1Mb / 2P
SMT & THROUGH-HOLE HEADER
TFM-105-02-L-D-WT SAMTEC-TFM-105-02-L-D-WT Datasheet
1Mb / 2P
SMT & THROUGH-HOLE HEADER
HTMS-105-01-G-S SAMTEC-HTMS-105-01-G-S Datasheet
454Kb / 1P
THROUGH-HOLE MICRO HEADER
TMS SAMTEC-TMS Datasheet
506Kb / 1P
THROUGH-HOLE MICRO HEADER
logo
Japan Automatic Machine...
RMH JAM-RMH Datasheet
321Kb / 5P
2 Rectangular Connectors - Housings Receptacle White 0.098" (2.50mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com