Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GST360B Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

GST360B Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # GST360B
Download  GST360B Download
File Size   829.09 Kbytes
Page   4 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 360W AC-DC High Reliability Industrial Adaptor

GST360B Datasheet (PDF)

Go To PDF Page Download Datasheet
GST360B Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # GST360B
Download  GST360B Click to download

File Size   829.09 Kbytes
Page   4 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 360W AC-DC High Reliability Industrial Adaptor

GST360B Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


GST360B Product details

Features
* Global certificates
* 450W peak power(3 sec.)
* Universal AG input / Full range
* 2 pole AC inlet IEC320-C18, Class Il power unit
* Built-in active PFC function
* No load power consumption<0.5W
* Energy efficiency Level VI
* Comply with international energy-saving standards
* Protections: Short circuit / Overload / Over voltage /
Over temperature
* Fanless design with -30~+70'C working temperature
* Fully enclosed plastic case
* LED indicator for power on
* 3 years warranty




Similar Part No. - GST360B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GST360A MEANWELL-GST360A Datasheet
791Kb / 4P
360W AC-DC High Reliability Industrial Adaptor
2022-04-19
GST360A12-C8P MEANWELL-GST360A12-C8P Datasheet
791Kb / 4P
360W AC-DC High Reliability Industrial Adaptor
2022-04-19
GST360A15-C8P MEANWELL-GST360A15-C8P Datasheet
791Kb / 4P
360W AC-DC High Reliability Industrial Adaptor
2022-04-19
GST360A24-C6P MEANWELL-GST360A24-C6P Datasheet
791Kb / 4P
360W AC-DC High Reliability Industrial Adaptor
2022-04-19
GST360A36-C6P MEANWELL-GST360A36-C6P Datasheet
791Kb / 4P
360W AC-DC High Reliability Industrial Adaptor
2022-04-19
More results


Similar Description - GST360B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
18W AC-DC High Reliability Industrial Adaptor
GST18U MEANWELL-GST18U Datasheet
525Kb / 3P
18W AC-DC High Reliability Industrial Adaptor
GST25A MEANWELL-GST25A Datasheet
849Kb / 4P
25W AC-DC High Reliability Industrial Adaptor
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
25W AC-DC High Reliability Industrial Adaptor
GST36B MEANWELL-GST36B Datasheet
110Kb / 3P
36W AC-DC High Reliability Industrial Adaptor
GST36E MEANWELL-GST36E Datasheet
91Kb / 3P
36W AC-DC High Reliability Industrial Adaptor
GST40A MEANWELL-GST40A Datasheet
406Kb / 3P
40W AC-DC High Reliability Industrial Adaptor
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
220W AC-DC High Reliability Industrial Adaptor
GST280A MEANWELL-GST280A Datasheet
154Kb / 4P
280W AC-DC High Reliability Industrial Adaptor
GST360A MEANWELL-GST360A Datasheet
791Kb / 4P
360W AC-DC High Reliability Industrial Adaptor
2022-04-19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com