Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STQ-2016 Datasheet (PDF) - SIRENZA MICRODEVICES

STQ-2016 Datasheet PDF - SIRENZA MICRODEVICES
Part # STQ-2016
Download  STQ-2016 Download
File Size   389.94 Kbytes
Page   8 Pages
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES
Description 700-2500 MHz Direct Quadrature Modulator

STQ-2016 Datasheet (PDF)

Go To PDF Page Download Datasheet
STQ-2016 Datasheet PDF - SIRENZA MICRODEVICES

Part # STQ-2016
Download  STQ-2016 Click to download

File Size   389.94 Kbytes
Page   8 Pages
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES
Description 700-2500 MHz Direct Quadrature Modulator

STQ-2016 Datasheet (HTML) - SIRENZA MICRODEVICES


STQ-2016 Product details

Product Description

The Sirenza Microdevices’ STQ-2016 is a direct quadrature modulator targeted for use in a wide range of communications systems, including cellular/PCS, CDMA2000, UMTS, and ISM datacom. This device features a wide 700-2500 MHz operating frequency band, excellent carrier and sideband suppression, and a low broadband noise floor.



Product Features

• Excellent carrier feedthrough, -40 dBm constant with output power

• Output P1dB +3dBm

• Wide baseband input, DC - 500 MHz

• Superb phase accuracy and amplitude balance, ±0.5 deg./±0.2 dB

• Very low noise floor, -155 dBm/Hz

• Low LO drive requirement, -5 dBm



Applications

• Cellular/PCS/CDMA2000/UMTS transceivers

• ISM band transceivers, 900 & 2400 MHz

• GMSK, QPSK, QAM, SSB modulators



 




Similar Part No. - STQ-2016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
700-2500 MHz Direct Quadrature Modulator
logo
List of Unclassifed Man...
STQ-2016-3Z ETC1-STQ-2016-3Z Datasheet
533Kb / 16P
700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016-3Z SIRENZA-STQ-2016-3Z Datasheet
533Kb / 16P
700-2500 MHz Direct Quadrature Modulator
logo
List of Unclassifed Man...
STQ-2016Z ETC1-STQ-2016Z Datasheet
216Kb / 9P
Reliability Qualification Report
More results


Similar Description - STQ-2016

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
logo
Stanford Microdevices
STQ-3016 STANFORD-STQ-3016 Datasheet
222Kb / 8P
2500 - 4000 MHz Direct Quadrature Modulator
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
700 MHz - 2700 MHz Direct Quadrature Modulator
logo
Skyworks Solutions Inc.
SKY73010 SKYWORKS-SKY73010 Datasheet
136Kb / 8P
300 - 2500 MHz Direct Quadrature Modulator
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
700-2500 MHz Direct Quadrature Modulator
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
2500 -4000 MHz Direct Quadrature Modulator
logo
Analog Devices
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
REV. B
ADL5372ACPZ-R7 AD-ADL5372ACPZ-R7 Datasheet
809Kb / 24P
1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com