Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ7003SY Datasheet (PDF) - STMicroelectronics

VNQ7003SY Datasheet PDF - STMicroelectronics
Part # VNQ7003SY
Download  VNQ7003SY Download
File Size   2842.33 Kbytes
Page   102 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad-channel high-side driver with 16-bit SPI interface for automotive applications

VNQ7003SY Datasheet (PDF)

Go To PDF Page Download Datasheet
VNQ7003SY Datasheet PDF - STMicroelectronics

Part # VNQ7003SY
Download  VNQ7003SY Click to download

File Size   2842.33 Kbytes
Page   102 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad-channel high-side driver with 16-bit SPI interface for automotive applications

VNQ7003SY Datasheet (HTML) - STMicroelectronics


VNQ7003SY Product details

Description
The VNQ7003SY is a device made using
STMicroelectronics® VIPower® technology. It is
intended for driving resistive or inductive loads
directly connected to ground. The device is
protected against voltage transient on VCC pin.
An 8 bit short frame access to output control
registers is provided allowing PWM control
through SPI with high granularity.
An analog current feedback for each channel is
connected to the CURRENT-SENSE pin via a
multiplexer. The device detects open-load in OFFstate conditions.
Real time diagnostic is available through the SPI
bus (open-load, output short to VCC,
overtemperature, communication error, power
limitation or latch off).
Output current limitation protects the device in an
over load condition. The device can limit the
dissipated power to a safe level up to thermal
shutdown intervention. Thermal shutdown can be
configured as latched off or programmable time
limited auto restart.
The device enters a limp home mode in case of
loss of digital supply (VDD), reset of digital
memory or watchdog monitoring time-out event.
In this mode states of channel 0, 1, 2 or 3 are
respectively controlled by four dedicated pins IN0,
IN1, IN2 and IN3. Channel 0 and 1 can be
programmed via SPI for load type (BULB/ LED
mode).

Features
 AEC-Q100 qualified
 General
– 16-bit ST-SPI for full diagnostic with 8 bits
Short Frame option
– Programmable Bulb/LED mode for
ch. 0-1
– Advanced limp home functions for robust
fail-safe system
– Very low standby current
– Optimized electromagnetic emissions
– Very low electromagnetic susceptibility
– Control through direct inputs and / or SPI
– Compliant with European directive
2002/95/EC
 Diagnostic functions
– Multiplex proportional load current sense
– Synchronous diagnostic of over load and
short to GND, output shorted to VCC and
OFF-state open-load
– Programmable case overtemperature
warning
 Protection
– Two levels load current limitation
– Self limiting of fast thermal transients
– Undervoltage shutdown
– Overvoltage clamp
– Latch-off or programmable time limited
auto restart (power limitation and
overtemperature shutdown)
– Load dump protected
– Protection against loss of ground




Similar Part No. - VNQ7003SY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ7040AY STMICROELECTRONICS-VNQ7040AY Datasheet
2Mb / 52P
Quad channel high-side driver with MultiSense analog feedback for automotive applications
15-Jul-2016
VNQ7040AY STMICROELECTRONICS-VNQ7040AY Datasheet
2Mb / 50P
Quad channel high-side driver with MultiSense analog feedback for automotive applications
21-Dec-2017
VNQ7040AY-E STMICROELECTRONICS-VNQ7040AY-E Datasheet
1Mb / 55P
Quad channel high-side driver with MultiSense analog feedback for automotive applications
30-Sep-2014
VNQ7040AYTR STMICROELECTRONICS-VNQ7040AYTR Datasheet
2Mb / 52P
Quad channel high-side driver with MultiSense analog feedback for automotive applications
15-Jul-2016
VNQ7040AYTR STMICROELECTRONICS-VNQ7040AYTR Datasheet
2Mb / 50P
Quad channel high-side driver with MultiSense analog feedback for automotive applications
21-Dec-2017
More results


Similar Description - VNQ7003SY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ5050K-E STMICROELECTRONICS-VNQ5050K-E Datasheet
108Kb / 13P
QUAD CHANNEL HIGH SIDE DRIVER FOR AUTOMOTIVE APPLICATIONS
Mar-2005
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E Datasheet
798Kb / 34P
Quad channel high side driver for automotive applications
25-Feb-2008
VNQ5160K-E STMICROELECTRONICS-VNQ5160K-E Datasheet
474Kb / 30P
Quad channel high side driver for automotive applications
23-Jul-2009
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E_09 Datasheet
606Kb / 34P
Quad channel high side driver for automotive applications
23-Jul-2009
VNQ5E160AK-E STMICROELECTRONICS-VNQ5E160AK-E Datasheet
684Kb / 37P
Quad channel high side driver with analog current sense for automotive applications
17-Mar-2009
VNQ5E050K-E STMICROELECTRONICS-VNQ5E050K-E Datasheet
602Kb / 34P
Quad channel high side driver for automotive applications
22-Jul-2009
VNQ5160KTR-E STMICROELECTRONICS-VNQ5160KTR-E Datasheet
469Kb / 30P
Quad channel high side driver for automotive applications
23-Jul-2009
VN9D5D20F STMICROELECTRONICS-VN9D5D20F Datasheet
2Mb / 96P
4 channel high-side driver with 24-bit SPI interface for automotive applications
13-Apr-2023
VN9D5D20FN STMICROELECTRONICS-VN9D5D20FN Datasheet
2Mb / 96P
4 channel high-side driver with 24-bit SPI interface for automotive applications
13-Apr-2023
VN9D30Q100F STMICROELECTRONICS-VN9D30Q100F Datasheet
3Mb / 100P
6-channel high-side driver with 24-bit SPI interface for automotive applications
21-May-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com