Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F835 Datasheet (PDF) - NXP Semiconductors

74F835 Datasheet PDF - NXP Semiconductors
Part # 74F835
Download  74F835 Download
File Size   61.08 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit shift register with 2:1 mux-in, latched B inputs, and serial out

74F835 Datasheet (PDF)

Go To PDF Page Download Datasheet
74F835 Datasheet PDF - NXP Semiconductors

Part # 74F835
Download  74F835 Click to download

File Size   61.08 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit shift register with 2:1 mux-in, latched B inputs, and serial out

74F835 Datasheet (HTML) - NXP Semiconductors


74F835 Product details

DESCRIPTION
The 74F835 is a high speed 8-bit parallel/serial-in, serial-out shift register whose parallel inputs have been connected to an internal octal two-to-one multiplexer with all the “B” inputs connected to an octal latch.
This 24-pin part is specifically designed for video bit shifting, where interleaved loading is desired and parts count is critical. It is useful in any design where a 2:1 mux input with a transparent latch is needed.

FEATURES
• Specifically designed for Video applications
• Combines the 74F373, two 74F157s, and the 74F166 functions in one package
• Interleaved loading with 2:1 mux
• Dual 8-bit parallel inputs
• Transparent latch on all “B” inputs
• Guaranteed serial shift frequency to 100MHz
• Expandable to 16-bits or more with serial input




Similar Part No. - 74F835

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F832 PHILIPS-74F832 Datasheet
73Kb / 8P
Hex 2-input OR drivers
1991 Jan 02
More results


Similar Description - 74F835

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
Parallel-in/Serial-out 8-Bit Shift Register
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
logo
Unisonic Technologies
U74HC164 UTC-U74HC164 Datasheet
161Kb / 5P
8-BIT SERIAL-IN AND PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Unisonic Technologies
U74HC164 UTC-U74HC164_15 Datasheet
208Kb / 5P
8-BIT SERIAL-IN AND PARALLEL-OUT SHIFT REGISTER
logo
SHENZHEN FUMAN ELECTRON...
74HC164 FUMAN-74HC164 Datasheet
310Kb / 7P
8 bit serial in and out shift register
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com