Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP10NB37LZ Datasheet (PDF) - STMicroelectronics

STGP10NB37LZ Datasheet PDF - STMicroelectronics
Part # STGP10NB37LZ
Download  STGP10NB37LZ Download
File Size   751.46 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10 A - 410 V internally clamped IGBT

STGP10NB37LZ Datasheet (PDF)

Go To PDF Page Download Datasheet
STGP10NB37LZ Datasheet PDF - STMicroelectronics

Part # STGP10NB37LZ
Download  STGP10NB37LZ Click to download

File Size   751.46 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10 A - 410 V internally clamped IGBT

STGP10NB37LZ Datasheet (HTML) - STMicroelectronics


STGP10NB37LZ Product details

Description
This IGBT utilizes the advanced PowerMESH™
process resulting in an excellent trade-off
between switching performance and low on-state
behavior. The built in collector-gate Zener exhibits
a very precise active clamping while the gateemitter Zener supplies an ESD protection.

Features
■ Low threshold voltage
■ Low on-voltage drop
■ Low gate charge
■ High current capability
■ High voltage clamping feature

Applications
■ Automotive ignition




Similar Part No. - STGP10NB37LZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP10NB37LZ STMICROELECTRONICS-STGP10NB37LZ Datasheet
267Kb / 9P
N-CHANNEL CLAMPED 20A - TO-220 INTERNALLY CLAMPED PowerMesh™ IGBT
Nov-2000
More results


Similar Description - STGP10NB37LZ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGP20N14CL MOTOROLA-MGP20N14CL Datasheet
77Kb / 4P
Internally Clamped, N-Channel IGBT
logo
ON Semiconductor
MGP15N35CL ONSEMI-MGP15N35CL Datasheet
99Kb / 8P
Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 0
MGP15N38CL ONSEMI-MGP15N38CL Datasheet
71Kb / 4P
Internally Clamped N-Channel IGBT
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
MGP15N43CL ONSEMI-MGP15N43CL Datasheet
70Kb / 4P
Internally Clamped N-Channel IGBT
logo
STMicroelectronics
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ Datasheet
92Kb / 8P
N-CHANNEL CLAMPED 10A D2PAK INTERNALLY CLAMPED PowerMESH IGBT
Jun-1999
STGB7NB40LZ STMICROELECTRONICS-STGB7NB40LZ Datasheet
391Kb / 8P
N-CHANNEL CLAMPED 14A - D2PAK INTERNALLY CLAMPED PowerMESH™ IGBT
Mar-2003
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ Datasheet
632Kb / 18P
EAS 180 mJ - 400 V - internally clamped IGBT
07-Mar-2008
STGB18N40LZ_0805 STMICROELECTRONICS-STGB18N40LZ_0805 Datasheet
636Kb / 18P
EAS 180 mJ - 400 V - internally clamped IGBT
07-May-2008
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ_09 Datasheet
896Kb / 19P
EAS 180 mJ - 390 V - internally clamped IGBT
18-May-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com