Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW20NC60V Datasheet (PDF) - STMicroelectronics

GW20NC60V Datasheet PDF - STMicroelectronics
Part # GW20NC60V
Download  GW20NC60V Download
File Size   469.12 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 30 A - 600 V - very fast IGBT

GW20NC60V Datasheet (PDF)

Go To PDF Page Download Datasheet
GW20NC60V Datasheet PDF - STMicroelectronics

Part # GW20NC60V
Download  GW20NC60V Click to download

File Size   469.12 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 30 A - 600 V - very fast IGBT

GW20NC60V Datasheet (HTML) - STMicroelectronics


GW20NC60V Product details

Description
This IGBT utilizes the advanced PowerMESH™
process resulting in an excellent trade-off
between switching performance and low on-state
behavior.

Features
• High frequency operation up to 50 kHz
• Lower CRES / CIES ratio (no cross-conduction
susceptibility)
• High current capability

Applications
• High frequency inverters
• UPS, motor drivers
• HF, SMPS and PFC in both hard switch and
resonant topologies




Similar Part No. - GW20NC60V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GW20NC60VD STMICROELECTRONICS-GW20NC60VD Datasheet
303Kb / 11P
N-CHANNEL 30A - 600V TO-247 Very Fast PowerMESH IGBT
12-Jul-2004
More results


Similar Description - GW20NC60V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
40 A - 600 V - very fast IGBT
31-Jan-2008
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
30 A - 600 V - very fast IGBT
14-May-2008
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
511Kb / 18P
19 A - 600 V - very fast IGBT
01-Jul-2008
STGP19NC60H STMICROELECTRONICS-STGP19NC60H Datasheet
318Kb / 14P
19 A - 600 V - very fast IGBT
28-May-2008
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
600 V - 10 A - very fast IGBT
16-Dec-2008
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
19 A - 600 V - very fast IGBT
19-May-2009
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
45 A - 600 V - very fast IGBT
19-Mar-2008
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
19 A - 600 V - very fast IGBT
01-Sep-2009
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
30 A - 600 V - very fast IGBT
16-Apr-2012
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
600 V - 10 A - very fast IGBT
16-Dec-2008
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com