Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9011 Datasheet (PDF) - Motorola, Inc

MRF9011 Datasheet PDF - Motorola, Inc
Part # MRF9011
Download  MRF9011 Download
File Size   475.18 Kbytes
Page   7 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description The Rf Line NPN Silicon High-Frequency Transistor

MRF9011 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF9011 Datasheet PDF - Motorola, Inc

Part # MRF9011
Download  MRF9011 Click to download

File Size   475.18 Kbytes
Page   7 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description The Rf Line NPN Silicon High-Frequency Transistor

MRF9011 Datasheet (HTML) - Motorola, Inc


MRF9011 Product details

The RF Line NPN Silicon High-Frequency Transistor

 

Designed primarily for use in high–gain, low–noise small–signal amplifiers for operation up to 2.5 GHz. Also usable in applications requiring fast switching times.



• High Current–Gain — Bandwidth Product

• Low Noise Figure @ f = 1.0 GHz —

   NF(matched) = 1.8 dB (Typ) (MRF9011LT1)

   NF(matched) = 1.9 dB (Typ) (MMBR901LT1, T3)

• High Power Gain —

  Gpe(matched)= 13.5 dB (Typ) @ f = 1.0 GHz (MRF9011LT1)

  Gpe(matched) = 12.0 dB (Typ) @ f = 1.0 GHz (MMBR901LT1, T3)

• Guaranteed RF Parameters (MRF9011LT1)

• Surface Mounted SOT–23 & SOT–143 Offer Improved RF Performance Lower Package Parasitics

High Gain

• Available in tape and reel packaging options:

  T1 suffix = 3,000 units per reel

  T3 suffix = 10,000 units per reel




Similar Part No. - MRF9011

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9011LT1 MOTOROLA-MRF9011LT1 Datasheet
90Kb / 7P
NPN Silicon High-Frequency Transistor
More results


Similar Description - MRF9011

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBR930L MOTOROLA-MMBR930L Datasheet
46Kb / 1P
The RF Line NPN Silicon High Frequency Transistor
MMBR931LT3 MOTOROLA-MMBR931LT3 Datasheet
45Kb / 1P
The RF Line NPN Silicon High Frequency Transistor
logo
List of Unclassifed Man...
BFR91 ETC1-BFR91 Datasheet
50Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
BFR91A ETC1-BFR91A Datasheet
42Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
BFR93A ETC1-BFR93A Datasheet
59Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
logo
M/A-COM Technology Solu...
MRF313 MA-COM-MRF313 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
MRF587 MA-COM-MRF587 Datasheet
341Kb / 12P
The RF Line NPN Silicon High Frequency Transistor
MRF313 MA-COM-MRF313_15 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
MRF313 MA-COM-MRF313_17 Datasheet
493Kb / 5P
The RF Line NPN Silicon High-Frequency Transistor
MRF587 MA-COM-MRF587_17 Datasheet
859Kb / 13P
The RF Line NPN Silicon High Frequency Transistor
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com