Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC-7484 Datasheet (PDF) - Advantech Co., Ltd.

HPC-7484 Datasheet PDF - Advantech Co., Ltd.
Part # HPC-7484
Download  HPC-7484 Download
File Size   1028.23 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 4U Rackmount / Tower Chassis for EATX/ATX/MicroATX Motherboard with 8 Hot Swap Drive Trays

HPC-7484 Datasheet (PDF)

Go To PDF Page Download Datasheet
HPC-7484 Datasheet PDF - Advantech Co., Ltd.

Part # HPC-7484
Download  HPC-7484 Click to download

File Size   1028.23 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 4U Rackmount / Tower Chassis for EATX/ATX/MicroATX Motherboard with 8 Hot Swap Drive Trays

HPC-7484 Datasheet (HTML) - Advantech Co., Ltd.


HPC-7484 Product details

Features
ƒ Supports EATX/ATX/MicroATX motherboard
ƒ Shock-resistant disk drive bay provides eight hot-swap 3.5" or
2.5" SAS/SATA disk trays, one slim optical disk drive, and one 2.5" internal
drive space
ƒ Supports 80plus single high watt power supply (700W/1200W)
ƒ Supports up to seven FH/FL expansion slots
ƒ LED indicators and alarm notification for system fault detection
ƒ Easy maintenance system fans




Similar Part No. - HPC-7484

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HPC-7480 ADVANTECH-HPC-7480 Datasheet
856Kb / 2P
4U Rackmount/Tower Chassis for EATX Server Board with 8 Hot-swap Drive Bays, Single PSU and 7 Expansion Slots
HPC-7480 ADVANTECH-HPC-7480 Datasheet
1Mb / 2P
4U Rackmount/Tower Chassis for EATX Server Board with 8 Hot-swap Drive Bays, Single PSU and 7 Expansion Slots
HPC-7480-66A1E ADVANTECH-HPC-7480-66A1E Datasheet
856Kb / 2P
4U Rackmount/Tower Chassis for EATX Server Board with 8 Hot-swap Drive Bays, Single PSU and 7 Expansion Slots
HPC-7480-66A1E ADVANTECH-HPC-7480-66A1E Datasheet
1Mb / 2P
4U Rackmount/Tower Chassis for EATX Server Board with 8 Hot-swap Drive Bays, Single PSU and 7 Expansion Slots
HPC-7480 ADVANTECH-HPC-7480_15 Datasheet
1Mb / 2P
4U Rackmount/Tower Chassis for EATX Server Board with 8 Hot-swap Drive Bays, Single PSU and 7 Expansion Slots
More results


Similar Description - HPC-7484

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HPC-7442 ADVANTECH-HPC-7442 Datasheet
1Mb / 2P
4U Rackmount/Tower Chassis for EATX/ATX Motherboard with Up to 8 SAS/SATA HDD Trays
ACP-4340 ADVANTECH-ACP-4340_14 Datasheet
1Mb / 2P
4U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard with 4 Hot Swap Drive Trays
HPC-7442 ADVANTECH-HPC-7442_15 Datasheet
1Mb / 2P
4U Rackmount/Tower Chassis for EATX/ ATX Motherboard with Up to 8 SAS/SATA HDD Trays
HPC-7320MB-00XE ADVANTECH-HPC-7320MB-00XE Datasheet
795Kb / 2P
3U Short-depth Rackmount/Wallmount/ Tower Chassis for EATX/ATX/MicroATX Motherboard
HPC-7400MB-70A1E ADVANTECH-HPC-7400MB-70A1E Datasheet
1Mb / 2P
4U Compact Rackmount / Tower Chassis for EATX/ATX/MircoATX Motherboard
HPC-7483 ADVANTECH-HPC-7483 Datasheet
991Kb / 2P
4U Rackmount / Tower Chassis for EATX/ATX/MicroATX Motherboard
HPC-7400 ADVANTECH-HPC-7400_V01 Datasheet
1Mb / 2P
4U Compact Rackmount / Tower Chassis for EATX/ATX/MicroATX Motherboard
27-Jun-2018
HPC-7000 ADVANTECH-HPC-7000 Datasheet
903Kb / 2P
Server Tower Chassis for EATX/ATX/ MicroATX Motherboard
13-Sep-2017
HPC-7320 ADVANTECH-HPC-7320 Datasheet
799Kb / 2P
3U Short-depth Rackmount/ Tower Chassis for EATX/ATX/MicroATX Motherboard
20-Aug-2021
HPC-8208 ADVANTECH-HPC-8208 Datasheet
1Mb / 2P
2U Rackmount Chassis for ATX/EATX Motherboard with 8 Hot-Swap SAS3/SATA3 HDD Trays and RPS
13-May-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com