Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WED2ZL361MS Datasheet (PDF) - White Electronic Designs Corporation

WED2ZL361MS Datasheet PDF - White Electronic Designs Corporation
Part # WED2ZL361MS
Download  WED2ZL361MS Download
File Size   647.4 Kbytes
Page   12 Pages
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation
Description 1Mx36 Synchronous Pipeline Burst NBL SRAM

WED2ZL361MS Datasheet (PDF)

Go To PDF Page Download Datasheet
WED2ZL361MS Datasheet PDF - White Electronic Designs Corporation

Part # WED2ZL361MS
Download  WED2ZL361MS Click to download

File Size   647.4 Kbytes
Page   12 Pages
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation
Description 1Mx36 Synchronous Pipeline Burst NBL SRAM

WED2ZL361MS Datasheet (HTML) - White Electronic Designs Corporation


WED2ZL361MS Product details

DESCRIPTION
The WEDC SyncBurst - SRAM family employs high-speed, low-power CMOS designs that are fabricated using an advanced CMOS process. WEDC’s 32Mb SyncBurst SRAMs integrate two 1M x 18 SRAMs into a single BGA package to provide 1M x 36 configuration. All synchronous inputs pass through registers controlled by a positiveedge-triggered single-clock input (CK). The NBL or No Bus Latency Memory utilizes all the bandwidth in any combination of operating cycles. Address, data inputs, and all control signals except output enable and linear burst order are synchronized to input clock. Burst order control must be tied “High or Low.” Asynchronous inputs include the sleep mode enable (ZZ). Output Enable controls the outputs at any given time. Write cycles are internally self-timed and initiated by the rising edge of the clock input. This feature eliminates complex off-chip write pulse generation and provides increased timing flexibility for incoming signals.

FEATURES
■ Fast clock speed: 250, 225, 200, 166, 150, 133MHz
■ Fast access times: 2.6, 2.8, 3.0, 3.5, 3.8, 4.2ns
■ Fast OE# access times: 2.6, 2.8, 3.0, 3.5, 3.8, 4.2ns
■ Separate +2.5V ± 5% power supplies for Core, I/O (VCC, VCCQ)
■ Snooze Mode for reduced-standby power
■ Individual Byte Write control
■ Clock-controlled and registered addresses, data I/Os and control signals
■ Burst control (interleaved or linear burst)
■ Packaging:
   ■ 119-bump BGA package
■ Low capacitive bus loading




Similar Part No. - WED2ZL361MS

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV35BC WEDC-WED2ZL361MV35BC Datasheet
331Kb / 12P
1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV35BI WEDC-WED2ZL361MV35BI Datasheet
331Kb / 12P
1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV38BC WEDC-WED2ZL361MV38BC Datasheet
331Kb / 12P
1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MV38BI WEDC-WED2ZL361MV38BI Datasheet
331Kb / 12P
1Mx36 Synchronous Pipeline Burst NBL SRAM
More results


Similar Description - WED2ZL361MS

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
3.3V 512K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WED2ZL361MV WEDC-WED2ZL361MV Datasheet
331Kb / 12P
1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
512K x 64 Synchronous Pipeline NBL SRAM
WED2ZLRSP01S WEDC-WED2ZLRSP01S Datasheet
350Kb / 13P
512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
512K x 72 Synchronous Pipeline Burst ZBL SRAM
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
512Kx32 Synchronous Pipeline Burst SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com