Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8328DI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8328DI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8328DI
Download  AOZ8328DI Download
File Size   719.56 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Low Capacitance 2.5 V TVS Diode

AOZ8328DI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8328DI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8328DI
Download  AOZ8328DI Click to download

File Size   719.56 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Low Capacitance 2.5 V TVS Diode

AOZ8328DI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8328DI Product details

General Description
The AOZ8328DI is a transient voltage suppressor array
designed to protect high speed data lines from ESD and
lightning.
This AOZ8328DI incorporates eight surge rated, low
capacitance steering diodes and a TVS in a single
package. During transient conditions, the steering diodes
direct the transient to either the positive side of the power
supply line or to ground. The AOZ8328DI may be used to
meet the ESD immunity requirements of IEC 61000-4-2,
Level 4 and IEC 61000-4-5. The TVS diodes provide
effective suppression of ESD voltages: ±30 kV (air
discharge) and ±30 kV (contact discharge).
The AOZ8328DI comes in a Halogen Free and RoHS
compliant DFN-10 3.0 mm x 2.0 mm package and is
rated over a -40°C to +125°C ambient temperature
range. The AOZ8328DI is compatible with both lead free
and SnPb assembly techniques. The small size, low
capacitance and high ESD protection makes the
AOZ8328DI ideal for protecting high speed video and
data communication interfaces.

Features
 ESD protection for high-speed data lines:
– IEC 61000-4-2, level 4 (ESD) immunity test
– ±30 kV (air discharge) and ±30 kV (contact discharge)
– IEC 61000-4-4 (EFT) 40 A (5/50 ns)
– IEC 61000-4-5 (Lightning) 32 A
– Human Body Model (HBM) ±30 kV
 Small package saves board space
 Low insertion loss
 Protects four I/O lines
 Low clamping voltage
 Low operating voltage: 2.5 V
 Green product
 Pb-free device

Applications
 10/100/1000 Ethernet
 USB 2.0 power and data line protection
 Video graphics cards
 Monitors and flat panel displays
 Digital Video Interface (DVI)
 T1/E1 telecom ports




Similar Part No. - AOZ8328DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8300 AOSMD-AOZ8300 Datasheet
184Kb / 7P
Ultra-Low Capacitance TVS Diode Array
AOZ8300CI-03 AOSMD-AOZ8300CI-03 Datasheet
309Kb / 6P
Ultra-Low Capacitance TVS Diode Array
Rev. 2.1 September 2021
logo
TECH PUBLIC Electronics...
AOZ8300CI-03 TECHPUBLIC-AOZ8300CI-03 Datasheet
1Mb / 4P
Ultra-Low Capacitance TVS Diode Array
logo
Alpha & Omega Semicondu...
AOZ8300CI-05 AOSMD-AOZ8300CI-05 Datasheet
184Kb / 7P
Ultra-Low Capacitance TVS Diode Array
AOZ8302ACI AOSMD-AOZ8302ACI Datasheet
351Kb / 8P
Two-line High Current Surge TVS Diodes
More results


Similar Description - AOZ8328DI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD8V0L INFINEON-ESD8V0L_09 Datasheet
570Kb / 9P
Low Capacitance TVS Diode
2009-07-07
logo
Shanghai Leiditech Elec...
LC12I LEIDITECH-LC12I Datasheet
130Kb / 3P
LOW CAPACITANCE TVS DIODE
LC3301CW LEIDITECH-LC3301CW Datasheet
130Kb / 3P
LOW CAPACITANCE TVS DIODE
logo
Alpha & Omega Semicondu...
AOZ8304A AOSMD-AOZ8304A Datasheet
468Kb / 8P
Low Capacitance 3.3 V TVS Diode
AOZ8308 AOSMD-AOZ8308 Datasheet
473Kb / 7P
Low Capacitance 2.5 V TVS Diode
AOZ8312 AOSMD-AOZ8312 Datasheet
434Kb / 7P
Low Capacitance 2.5 V TVS Diode
AOZ8318 AOSMD-AOZ8318 Datasheet
426Kb / 8P
Low Capacitance 2.5 V TVS Diode
logo
Shanghai Leiditech Elec...
LC3311DCW LEIDITECH-LC3311DCW Datasheet
193Kb / 3P
LOW CAPACITANCE TVS DIODE
WS05DLC LEIDITECH-WS05DLC Datasheet
385Kb / 3P
LOW CAPACITANCE TVS DIODE
ESD3F7VW LEIDITECH-ESD3F7VW Datasheet
645Kb / 4P
LOW CAPACITANCE TVS DIODE
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com