Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8331DI-03 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8331DI-03 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8331DI-03
Download  AOZ8331DI-03 Download
File Size   263.0 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description One-Channel Bi-directional High Surge TVS

AOZ8331DI-03 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8331DI-03 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8331DI-03
Download  AOZ8331DI-03 Click to download

File Size   263.0 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description One-Channel Bi-directional High Surge TVS

AOZ8331DI-03 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8331DI-03 Product details

General Description
The AOZ8331DI-03 is a single channel bidirectional high
surge transient voltage suppressor designed to protect
data lines such as audio line and power rail from
damaging ESD or surge events.
This device incorporates two unidirectional TVS diodes in
a single package. During transient conditions, the
bidirectional diodes direct the transient to either the
positive side of the power supply line or to ground.
The AOZ8331DI-03 provides a typical line-to-line
capacitance of 75 pF and low clamping voltage making it
ideally suited for data transmission protection in mobile
and computing devices.
The AOZ8331DI-03 comes in a RoHS compliant and
Halogen Free 1.0 mm x 0.6 mm x 0.5 mm package and is
rated for -40°C to +125°C junction temperature range.

Features
 ESD protection for high-speed data lines:
– IEC 61000-4-2 (ESD) immunity: ±30 kV (air),
±30kV (contact)
– Human Body Model (HBM) ±30 kV
– IEC 61000-4-5 (Lightning) ±35 A (8/20μs)
 Protects four I/O lines
 Low capacitance between I/O to GND: 85 pF
 Low clamping voltage
 Low operating voltage: 3.3 V

Applications
 Audio lines
 LVDS
 Mobile phone
 Notebook computers




Similar Part No. - AOZ8331DI-03

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8300 AOSMD-AOZ8300 Datasheet
184Kb / 7P
Ultra-Low Capacitance TVS Diode Array
AOZ8300CI-03 AOSMD-AOZ8300CI-03 Datasheet
309Kb / 6P
Ultra-Low Capacitance TVS Diode Array
Rev. 2.1 September 2021
logo
TECH PUBLIC Electronics...
AOZ8300CI-03 TECHPUBLIC-AOZ8300CI-03 Datasheet
1Mb / 4P
Ultra-Low Capacitance TVS Diode Array
logo
Alpha & Omega Semicondu...
AOZ8300CI-05 AOSMD-AOZ8300CI-05 Datasheet
184Kb / 7P
Ultra-Low Capacitance TVS Diode Array
AOZ8302ACI AOSMD-AOZ8302ACI Datasheet
351Kb / 8P
Two-line High Current Surge TVS Diodes
More results


Similar Description - AOZ8331DI-03

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8221 AOSMD-AOZ8221 Datasheet
316Kb / 6P
One-line Bi-directional TVS Diode
AOZ8231 AOSMD-AOZ8231 Datasheet
273Kb / 6P
One-line Bi-directional TVS Diode
AOZ8231A AOSMD-AOZ8231A Datasheet
348Kb / 7P
One-line Bi-directional TVS Diode
AOZ8231ADI AOSMD-AOZ8231ADI Datasheet
320Kb / 5P
One-line Bi-directional TVS Diode
Rev. 6.0 June 2021
logo
Diodes Incorporated
D3V3S1U2LP1610Q DIODES-D3V3S1U2LP1610Q Datasheet
404Kb / 6P
ONE CHANNEL HIGH SURGE TVS DIODE
August 2022 Rev. 2 - 2
D5V0H1U2LP1610Q DIODES-D5V0H1U2LP1610Q Datasheet
410Kb / 6P
ONE CHANNEL HIGH SURGE TVS DIODE
December 2021 Rev. 1 - 2
D12V0S1U2LP1610 DIODES-D12V0S1U2LP1610 Datasheet
285Kb / 5P
ONE CHANNEL HIGH SURGE TVS DIODE
July 2021 Rev. 4 - 2
D20V0S1U2LP1610Q DIODES-D20V0S1U2LP1610Q Datasheet
516Kb / 6P
ONE CHANNEL HIGH SURGE TVS DIODE
December 2022 Rev. 1 - 2
D24V0S1U2LP1610Q DIODES-D24V0S1U2LP1610Q Datasheet
516Kb / 6P
ONE CHANNEL HIGH SURGE TVS DIODE
December 2022 Rev. 1 - 2
D24V0S1U2TQ DIODES-D24V0S1U2TQ Datasheet
298Kb / 6P
ONE CHANNEL HIGH SURGE TVS DIODE
December 2022 Rev. 1 - 2
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com