Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8360DI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8360DI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8360DI
Download  AOZ8360DI Download
File Size   250.31 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 1-Channel Unidirectional High-Power TVS

AOZ8360DI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8360DI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8360DI
Download  AOZ8360DI Click to download

File Size   250.31 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 1-Channel Unidirectional High-Power TVS

AOZ8360DI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8360DI Product details

General Description
The AOZ8360DI is a series of 1-channel unidirectional
high surge transient voltage suppressors designed to
protect power rails such as battery and VBUS from damaging
ESD or surge events. The VRWM range is from
7.5V to 24V.
This device consists a unidirectional TVS diode in a single
package. During transient events, the diode directs
the transient to either the positive side of the power supply
line or to ground.
The AOZ8360DI provides low clamping voltage making it
ideally suited for power rail protection in mobile and
computing devices.
The AOZ8360DI comes in a RoHS compliant and Halogen
Free 2.0 mm×2.0 mm×0.55 mm package and is
rated for -40°C to +125°C junction temperature range.

Features
 ESD protection for high-speed data lines:
– IEC 61000-4-2 (ESD) ±30kV (air and contact)
- Air discharge:±30kV
- Contact discharge: ±30kV
 IEC 61000-4-5 (Lightning, 8/20μs) ±300 to ±110A
 Low clamping voltage
 VRWM: 7.5, 12, 15, 18, 20, 22, 24V

Applications
 Battery
 VBUS
 Mobile phone
 Notebook computers




Similar Part No. - AOZ8360DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8300 AOSMD-AOZ8300 Datasheet
184Kb / 7P
Ultra-Low Capacitance TVS Diode Array
AOZ8300CI-03 AOSMD-AOZ8300CI-03 Datasheet
309Kb / 6P
Ultra-Low Capacitance TVS Diode Array
Rev. 2.1 September 2021
logo
TECH PUBLIC Electronics...
AOZ8300CI-03 TECHPUBLIC-AOZ8300CI-03 Datasheet
1Mb / 4P
Ultra-Low Capacitance TVS Diode Array
logo
Alpha & Omega Semicondu...
AOZ8300CI-05 AOSMD-AOZ8300CI-05 Datasheet
184Kb / 7P
Ultra-Low Capacitance TVS Diode Array
AOZ8302ACI AOSMD-AOZ8302ACI Datasheet
351Kb / 8P
Two-line High Current Surge TVS Diodes
More results


Similar Description - AOZ8360DI

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D12V0H1U2LP DIODES-D12V0H1U2LP Datasheet
306Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
Rev 2
D15V0H1U2LP DIODES-D15V0H1U2LP Datasheet
371Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
Rev 1
D6V3E1U2LP DIODES-D6V3E1U2LP Datasheet
194Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
Rev 1
D7V0H1U2LP DIODES-D7V0H1U2LP Datasheet
294Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
Rev 1
D5V0S1U2WS DIODES-D5V0S1U2WS Datasheet
320Kb / 4P
1 CHANNEL UNIDIRECTIONAL TVS
December 2015
logo
Alpha & Omega Semicondu...
AOZ8621UNI AOSMD-AOZ8621UNI Datasheet
250Kb / 4P
1-Channel Unidirectional High-Power TVS
Rev. 2.1 July 2020
logo
Diodes Incorporated
D6V3H1U2LP4 DIODES-D6V3H1U2LP4 Datasheet
194Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
October 2018 Rev. 1 - 2
D6V3M1U2LP3 DIODES-D6V3M1U2LP3 Datasheet
411Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
June 2021 Rev. 1 - 2
D12V0H1U2WSQ DIODES-D12V0H1U2WSQ Datasheet
349Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
August 2020 Rev. 1 - 2
D12V0HA1U2LPQ DIODES-D12V0HA1U2LPQ Datasheet
393Kb / 5P
1 CHANNEL UNIDIRECTIONAL TVS
November 2022 Rev. 1 - 2
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com