Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H6006 Datasheet (PDF) - EM Microelectronic - MARIN SA

H6006 Datasheet PDF - EM Microelectronic - MARIN SA
Part # H6006
Download  H6006 Download
File Size   275.66 Kbytes
Page   8 Pages
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA
Description Failsafe Watchdog

H6006 Datasheet (PDF)

Go To PDF Page Download Datasheet
H6006 Datasheet PDF - EM Microelectronic - MARIN SA

Part # H6006
Download  H6006 Click to download

File Size   275.66 Kbytes
Page   8 Pages
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA
Description Failsafe Watchdog

H6006 Datasheet (HTML) - EM Microelectronic - MARIN SA


H6006 Product details

Description

The H6006 is a monolithic low power CMOS device combining a programmable digital timer and a series of voltage comparators on the same chip. The device is specially convenient for Watch-Dog functions such as microprocessor and supply voltage monitoring. The watchdog part is designed to be used in all applications where it is important that after the occurrence of a malfunction the microprocessor system is stopped to avoid further damage. The timeout warning signal ( TO ) can be used to try to reactivate the system before halting it. The voltage monitoring part provides double security by combining both unregulated voltage and regulated voltage monitoring simultaneously. The H6006 initializes the power on reset after VIN reached VSH and VDD raises above 3.5 V. If VIN drops below VSL, the H6006 gives an advanced warning signal for register saving and if the voltage drops further below VRL, RES goes active. The H6006 functions at any supply voltage down to 1.5 V and is therefore particularly suited for start-up and shut-down control of microprocessor systems



Features

❐ Failsafe watchdog function: timeout warning after 1st timeout period, reset after 2nd timeout period, reset remains active to avoid further failures

❐ Standard timeout period and power-on reset time (10 ms), externally programmable if required

❐ VIN monitoring with 3 standard or programmable trigger voltages for: power-on reset initialization, advanced power-fail warning ( SAVE ), reset at power-down ( RES )

❐ VDD monitoring: power-on reset initialization enabled only if VDD ≥ 3.5 V

❐ Internal voltage reference

❐ Works down to 1.5 V supply voltage

❐ Push-pull or Open drain outputs

❐ Low current consumption

❐ Available for normal and extended temperature range

❐ SO8 package



Applications

❐ Microprocessor and microcontroller systems

❐ Point of sales equipment

❐ Telecom products

❐ Automotive subsystems



 




Similar Part No. - H6006

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
H60060-1 COOPER-H60060-1 Datasheet
382Kb / 3P
600V Class H Fuse Blocks
H60060-1 COOPER-H60060-1 Datasheet
382Kb / 3P
600V Class H Fuse Blocks
H60060-2 COOPER-H60060-2 Datasheet
382Kb / 3P
600V Class H Fuse Blocks
H60060-2 COOPER-H60060-2 Datasheet
382Kb / 3P
600V Class H Fuse Blocks
H60060-3 COOPER-H60060-3 Datasheet
382Kb / 3P
600V Class H Fuse Blocks
More results


Similar Description - H6006

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36276 NSC-DS36276 Datasheet
236Kb / 12P
FAILSAFE Multipoint Transceiver
logo
ATMEL Corporation
ATA6814 ATMEL-ATA6814 Datasheet
636Kb / 29P
Automotive Failsafe System IC
ATA6842 ATMEL-ATA6842 Datasheet
661Kb / 29P
Automotive Failsafe System IC
logo
Pasternack Enterprises,...
PE71S6169 PASTERNACK-PE71S6169 Datasheet
463Kb / 6P
Failsafe Switch
logo
Texas Instruments
DS36276 TI1-DS36276_11 Datasheet
278Kb / 13P
FAILSAFE Multipoint Transceiver
logo
Teledyne Technologies I...
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
Failsafe TRANSFER Coaxial Switch
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
Failsafe SPDT Coaxial Switch
CCRS-33S TELEDYNE-CCRS-33S Datasheet
692Kb / 8P
Failsafe 2P3T Coaxial Switch
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
Failsafe SPDT Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
Failsafe TRANSFER Coaxial Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com