Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS336S Datasheet (PDF) - Toshiba Semiconductor

TLS336S Datasheet PDF - Toshiba Semiconductor
Part # TLS336S
Download  TLS336S Download
File Size   262.02 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LED LAMP 8.0mm(0.3inch)Character Height Numerical Display

TLS336S Datasheet (PDF)

Go To PDF Page Download Datasheet
TLS336S Datasheet PDF - Toshiba Semiconductor

Part # TLS336S
Download  TLS336S Click to download

File Size   262.02 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LED LAMP 8.0mm(0.3inch)Character Height Numerical Display

TLS336S Datasheet (HTML) - Toshiba Semiconductor


TLS336S Product details

● 8.0mm (0.3i") Character Height Numerical Display.
● Application : Numerical Readout for Instrument and Consumer Product.
● luminous Intensity Ranking Performed Uniform Display.
● Available Both Type of Package Colors.




Similar Part No. - TLS336S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLS336T TOSHIBA-TLS336T Datasheet
248Kb / 6P
LED DISPLAY
More results


Similar Description - TLS336S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14489B MOTOROLA-MC14489B Datasheet
2Mb / 22P
Multy-Character LED Display/Lamp Driver
logo
Lite-On Technology Corp...
LSHD-7801 LITEON-LSHD-7801 Datasheet
128Kb / 5P
0.3inch(7.62mm) digit height single-dight display
logo
Kingbright Corporation
SA03-12HDB KINGBRIGHT-SA03-12HDB Datasheet
81Kb / 3P
7mm(0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SC03-12SRWA KINGBRIGHT-SC03-12SRWA Datasheet
183Kb / 4P
7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA03-11GWA KINGBRIGHT-SA03-11GWA Datasheet
184Kb / 4P
7.62mm (0.3INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
Freescale Semiconductor...
MC14489BPE FREESCALE-MC14489BPE Datasheet
2Mb / 22P
MuIti-Character lED Display/lamp Driver
logo
Motorola, Inc
MC14489BDWE MOTOROLA-MC14489BDWE Datasheet
2Mb / 22P
Multi-Character LED Display/Lamp Driver
logo
Ningbo Foryard Optoelec...
FYD-3021IX-00 FORYARD-FYD-3021IX-00 Datasheet
336Kb / 5P
0.3Inch (7.62mm) digit height Double Digits Display
logo
BetLux Electronics
BL-S32A-11 BETLUX-BL-S32A-11 Datasheet
581Kb / 5P
8.0mm (0.32) Single digit Seven Segment LED display series
REV NO: V.2
logo
Motorola, Inc
MC14489 MOTOROLA-MC14489 Datasheet
305Kb / 20P
Multi-Character LED Display/Lamp Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com