Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC94A09F Datasheet (PDF) - Toshiba Semiconductor

TC94A09F Datasheet PDF - Toshiba Semiconductor
Part # TC94A09F
Download  TC94A09F Download
File Size   270.4 Kbytes
Page   19 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Single-Chip CD Processor with Built-in Controller

TC94A09F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC94A09F Datasheet PDF - Toshiba Semiconductor

Part # TC94A09F
Download  TC94A09F Click to download

File Size   270.4 Kbytes
Page   19 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Single-Chip CD Processor with Built-in Controller

TC94A09F Datasheet (HTML) - Toshiba Semiconductor


TC94A09F Product details

Single-Chip CD Processor with Built-in Controller

The TC94A09F is a single-chip CD processor for digital servo. The IC has a built-in 4-bit microcontroller.
The controller features an LCD/LED driver, 4-channel 6-bit AD converter, 2/3-line serial interface, buzzer, interrupt function, and 8-bit timer/counter. The CPU can select one of three crystal oscillator operating clocks (16.9344 MHz, 4.5 MHz, and 75 kHz), facilitating interface with the CD processor.
The CD processor incorporates sync separation protection and interpolation, EFM decoder, error correction, digital equalizer for servo, and servo controller. The CD processor also incorporates a 1-bit DA converter. In combination with a RF amp TA2153FN and TA2109F, the TC94A09F can very simply configure an adjustment-free CD player.
Thus, the IC is suitable for CD systems for automobiles and radio-cassette players.

Features
• Single-chip CD processor with built-in CMOS LCD/LED driver and 4-bit microcontroller
• Operating voltage At CD on: VDD = 4.5 to 5.5 V (typ. 5.0 V)
                                At CD off: VDD = 3.0 to 5.5 V (only CPU on)
• Current dissipation At CD on: IDD = 50 mA (typ.)
                                 At CD off: IDD = 2 mA (with 4.5 MHz crystal oscillator, only CPU on)
                                 At CD off: IDD = 0.3 mA (with 75 kHz crystal oscillator, only CPU on)
• Operating temperature range Ta = -40 to 85°C
• Package QFP100-P-1420-0.65A (0.65 mm pitch, 2.7 mm thick)
• One-time PROM version TC94AP09F




Similar Part No. - TC94A09F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC94A04AF TOSHIBA-TC94A04AF Datasheet
565Kb / 42P
1 CHIP AUDIO DIGITAL PROCESSOR
TC94A04AFD TOSHIBA-TC94A04AFD Datasheet
565Kb / 42P
1 CHIP AUDIO DIGITAL PROCESSOR
TC94A04AFDG TOSHIBA-TC94A04AFDG Datasheet
702Kb / 42P
1 chip Audio Digital Processor
TC94A04AFG TOSHIBA-TC94A04AFG Datasheet
702Kb / 42P
1 chip Audio Digital Processor
More results


Similar Description - TC94A09F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65824AFP MITSUBISHI-M65824AFP Datasheet
182Kb / 23P
CD PLAYER DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DAC
logo
Toshiba Semiconductor
TC9248BF TOSHIBA-TC9248BF Datasheet
622Kb / 15P
CD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER
TC9263AF TOSHIBA-TC9263AF Datasheet
649Kb / 16P
CD SINGLE-CHIP PROCESSOR
TC9283F TOSHIBA-TC9283F Datasheet
743Kb / 16P
CD SINGLE-CHIP PROCESSOR
TC9284BF TOSHIBA-TC9284BF Datasheet
651Kb / 16P
CD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER
logo
Sony Corporation
CXD2545Q SONY-CXD2545Q Datasheet
5Mb / 102P
CD DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DIGITAL SERV
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
CD Digital Signal Processor with Built-in Digital Servo
logo
Toshiba Semiconductor
TC94A23F TOSHIBA-TC94A23F Datasheet
219Kb / 20P
Single-chip CD Processor with Built-in Controller
TC94A39FAG TOSHIBA-TC94A39FAG Datasheet
274Kb / 20P
Single-Chip CD Processor with Built-in Controller (CD-DX)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com