Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5956B Datasheet (PDF) - Microsemi Corporation

1N5956B Datasheet PDF - Microsemi Corporation
Part # 1N5956B
Download  1N5956B Download
File Size   227.56 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Axial-Leaded 1.5 Watt Zener Diodes

1N5956B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5956B Datasheet PDF - Microsemi Corporation

Part # 1N5956B
Download  1N5956B Click to download

File Size   227.56 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Axial-Leaded 1.5 Watt Zener Diodes

1N5956B Datasheet (HTML) - Microsemi Corporation


1N5956B Product details

DESCRIPTION
The 1N5913BG-5956BG series of 1.5 watt Zeners provides voltage regulation in a selection from 3.3 to 200 volts with a variety of tolerances available. They are also available in various military equivalent screening levels for high reliability. These glass encapsulated Zeners with a G suffix provide hermetic-sealed qualities and higher rated temperature beyond that optionally provided in equivalent plastic-body constructions (P suffix) for the same JEDEC part numbers. Both package options are available from Microsemi.

FEATURES
• JEDEC registered 1N5913B TO 1N5956B number series.
• Zener voltage available 3.3 V to 200 V.
• Voltage tolerances of 10%, 5%, 2% and 1% are available.
• Screening in reference to MIL-PRF-19500 is available. (See part nomenclature for all available options.)
• RoHS compliant versions available (commercial grade only).
• Optional plastic body axial-leaded Zeners available as 1N5913BP – 1N5956BP. (See separate data sheet)

APPLICATIONS / BENEFITS
• Regulates voltage over a broad range of operating current and temperature.
• Flexible axial-lead mounting terminals.
• Metallurgically enhanced internal contact design for greater reliability and lower thermal resistance in glass hermetically sealed package
• Non-sensitive to ESD per MIL-STD-750 method 1020.
• Hermetically sealed glass body construction.
• Inherently radiation hard as described in Microsemi MicroNote 050.




Similar Part No. - 1N5956B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5956B PANJIT-1N5956B Datasheet
81Kb / 3P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
Transys Electronics
1N5956B TRSYS-1N5956B Datasheet
204Kb / 3P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Jinan Gude Electronic D...
1N5956B JGD-1N5956B Datasheet
157Kb / 2P
1.5W SILICON ZENER DIODE
logo
Micro Commercial Compon...
1N5956B MCC-1N5956B Datasheet
124Kb / 4P
1.5 Watt Zener Diode 11 to 200 Volts
logo
Microsemi Corporation
1N5956B MICROSEMI-1N5956B Datasheet
89Kb / 3P
SILICON 1.5 WATT ZENER DIODES
More results


Similar Description - 1N5956B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5913BP MICROSEMI-1N5913BP Datasheet
226Kb / 3P
Axial-Leaded 1.5 Watt Zener Diodes
logo
Inchange Semiconductor ...
1N5915B ISC-1N5915B Datasheet
208Kb / 1P
Axial-Leaded 1.5 Watt diodes
1N5917B ISC-1N5917B Datasheet
208Kb / 1P
Axial-Leaded 1.5 Watt diodes
1N5919B ISC-1N5919B Datasheet
208Kb / 1P
Axial-Leaded 1.5 Watt diodes
logo
American Microsemicondu...
1N5922B AMMSEMI-1N5922B Datasheet
208Kb / 1P
Axial-Leaded 1.5 Watt diodes
1N5932B AMMSEMI-1N5932B Datasheet
208Kb / 1P
Axial-Leaded 1.5 Watt diodes
1N5933B AMMSEMI-1N5933B Datasheet
208Kb / 1P
Axial-Leaded 1.5 Watt diodes
1N5936B AMMSEMI-1N5936B Datasheet
208Kb / 1P
Axial-Leaded 1.5 Watt diodes
1N5938B AMMSEMI-1N5938B Datasheet
208Kb / 1P
Axial-Leaded 1.5 Watt diodes
1N5939B AMMSEMI-1N5939B Datasheet
208Kb / 1P
Axial-Leaded 1.5 Watt diodes
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com