Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQJ974EP Datasheet (PDF) - Vishay Siliconix

SQJ974EP Datasheet PDF - Vishay Siliconix
Part # SQJ974EP_V02
Download  SQJ974EP Download
File Size   292.41 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Dual N-Channel 100 V (D-S) 175 °C MOSFET

SQJ974EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SQJ974EP Datasheet PDF - Vishay Siliconix

Part # SQJ974EP_V02
Download  SQJ974EP Click to download

File Size   292.41 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Dual N-Channel 100 V (D-S) 175 °C MOSFET

SQJ974EP Datasheet (HTML) - Vishay Siliconix


SQJ974EP Product details

FEATURES
• TrenchFET® power MOSFET
• AEC-Q101 qualified
• 100 % Rg and UIS tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912




Similar Part No. - SQJ974EP_V02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ974EP VISHAY-SQJ974EP_V01 Datasheet
293Kb / 9P
Automotive Dual N-Channel 100 V (D-S) 175 °C MOSFET
07-Mar-2022
More results


Similar Description - SQJ974EP_V02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2398ES VISHAY-SQ2398ES_15 Datasheet
260Kb / 11P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
30-Jul-15
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_15 Datasheet
165Kb / 10P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
22-Apr-13
SQJ456EP VISHAY-SQJ456EP_15 Datasheet
172Kb / 11P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
28-Nov-11
SQJ974EP VISHAY-SQJ974EP Datasheet
172Kb / 6P
Automotive Dual N-Channel 100 V (D-S) 175 °C MOSFET
04-Jul-16
SQR70090ELR VISHAY-SQR70090ELR Datasheet
240Kb / 7P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
05-Sep-16
SQM70060EL VISHAY-SQM70060EL Datasheet
223Kb / 10P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
18-Apr-16
SQM70060EL VISHAY-SQM70060EL_V02 Datasheet
205Kb / 9P
Automotive N-Channel 100 V (D-S) 175 °C MOSFET
18-Apr-16
SQJQ910EL VISHAY-SQJQ910EL_V02 Datasheet
306Kb / 10P
Automotive Dual N-Channel 100 V (D-S) 175 °C MOSFET
03-Apr-17
SQJB68EP VISHAY-SQJB68EP_V02 Datasheet
299Kb / 10P
Automotive Dual N-Channel 100 V (D-S) 175 °C MOSFET
02-May-2022
SQJB70EP VISHAY-SQJB70EP_V02 Datasheet
298Kb / 10P
Automotive Dual N-Channel 100 V (D-S) 175 °C MOSFET
02-May-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com