Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFAPI-470K-UL-TR Datasheet (PDF) - Bel Fuse Inc.

SFAPI-470K-UL-TR Datasheet PDF - Bel Fuse Inc.
Part # SFAPI-470K-UL-TR
Download  SFAPI-470K-UL-TR Download
File Size   1903.07 Kbytes
Page   6 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Fixed Axial Power Inductors

SFAPI-470K-UL-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
SFAPI-470K-UL-TR Datasheet PDF - Bel Fuse Inc.

Part # SFAPI-470K-UL-TR
Download  SFAPI-470K-UL-TR Click to download

File Size   1903.07 Kbytes
Page   6 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Fixed Axial Power Inductors

SFAPI-470K-UL-TR Datasheet (HTML) - Bel Fuse Inc.


SFAPI-470K-UL-TR Product details

The SFAPI Series is an entirely new line of fixed axial leaded power
inductors. When the current flowing through the coil changes, the timevarying
magnetic field induces a counter electromotive force in the
conductor which opposes the change in current that created it. As such,
inductors oppose any changes in current that pass through them. In power
supplies, an inductor’s role is to prevent sudden changes in current used.
Working alongside a capacitor, an inductor prevents sudden changes in the
power supply’s output voltage and current.
Due to the ferrite core material grade, these fixed power inductors have
high permeability, increased electrical resistivity, and low eddy current
losses such that their characteristics make them suitable for multiple highfrequency
applications. Power Inductors are used in variety of functions
including differential mode filtering, as output chokes and energy storage
devices in power supply topologies such a buck, boost, SEPIC and Cuk etc.

General Features
• High current choke
• Wide inductance range
• High saturation ferrite core
• UL rated shrink tube covering
• Low-cost power inductor
• Available in Tape & Reel packaging

Specifications
• Wide inductance range 27 μH to 4.7 mH (1.28 A ~ 0.1 A)
• High current choke
• High saturation ferrite core
• Operating temperature range: -40 °C to +125 °C
• Storage temperature component: -40 °C to +125 °C

Applications
• Switching regulators
• Power Amplifiers, inverters and converters
• Power Supplies (buck, boost, SEPIC, Cuk)
• SCR and Triac controls
• Speaker crossover networks
• RFI suppression filters / RFI tuning coils
• Various other applications (i.e. snubber circuits etc.)




Similar Part No. - SFAPI-470K-UL-TR

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SFA CDE-SFA Datasheet
111Kb / 1P
AC Motor- Run Capacitor Hardware and Accessories
logo
List of Unclassifed Man...
SFA-101 ETC2-SFA-101 Datasheet
143Kb / 4P
RU Series - General Purpose Relays
logo
Eravant
SFA-1141441213-08SF-E1 ERAVANT-SFA-1141441213-08SF-E1 Datasheet
315Kb / 3P
F-Band, X12 Active Multiplier, 110 to 140 GHz, 13 dBm Pout
Rev 1.2
SFA-114144413-08KF-E1 ERAVANT-SFA-114144413-08KF-E1 Datasheet
325Kb / 3P
F-Band, X4 Active Multiplier, 110 to 140 GHz, 13 dBm Pout
Rev 1.2
SFA-114144613-08KF-E1 ERAVANT-SFA-114144613-08KF-E1 Datasheet
265Kb / 3P
F-Band, X6 Active Multiplier, 110 to 140 GHz, 13 dBm Pout
More results


Similar Description - SFAPI-470K-UL-TR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
LPA0618-100KL BOURNS-LPA0618-100KL Datasheet
150Kb / 1P
Axial Power Inductors
logo
Superworld Electronics
AIB0618 SUPERWORLD-AIB0618 Datasheet
589Kb / 4P
AXIAL FIXED INDUCTORS
AIB1020 SUPERWORLD-AIB1020 Datasheet
594Kb / 4P
AXIAL FIXED INDUCTORS
AIB1226 SUPERWORLD-AIB1226 Datasheet
590Kb / 4P
AXIAL FIXED INDUCTORS
logo
API Delevan
2474R API-2474R Datasheet
1Mb / 1P
Axial Lead Power Inductors
logo
Bourns Electronic Solut...
LPA0618-100KL BOURNS-LPA0618-100KL_09 Datasheet
92Kb / 1P
Axial Power Inductors
logo
Semikron International
AIB0618100KZF SEMIKRON-AIB0618100KZF Datasheet
584Kb / 4P
AXIAL FIXED INDUCTORS
logo
Superworld Electronics
AIB0618100KZF SUPERWORLD-AIB0618100KZF Datasheet
292Kb / 4P
AXIAL FIXED INDUCTORS
AIB1020100KZF SUPERWORLD-AIB1020100KZF Datasheet
292Kb / 4P
AXIAL FIXED INDUCTORS
AIB1226100KZF SUPERWORLD-AIB1226100KZF Datasheet
291Kb / 4P
AXIAL FIXED INDUCTORS
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com