Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9140 Datasheet (PDF) - B&K Precision Corporation

9140 Datasheet PDF - B&K Precision Corporation
Part # 9140
Download  9140 Download
File Size   2585.37 Kbytes
Page   7 Pages
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation
Description Triple Output Multi-Range DC Power Supplies

9140 Datasheet (PDF)

Go To PDF Page Download Datasheet
9140 Datasheet PDF - B&K Precision Corporation

Part # 9140
Download  9140 Click to download

File Size   2585.37 Kbytes
Page   7 Pages
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation
Description Triple Output Multi-Range DC Power Supplies

9140 Datasheet (HTML) - B&K Precision Corporation


9140 Product details

Features and benefits
- Three independent galvanically isolated,
floating output channels providing up to 100 W
per channel or 300 W total
- High power density, compact 2U half-rack form
factor
- Multi-ranging operation delivers rated power at
multiple voltage/current combinations
- Low output ripple and noise down to 1 mVrms
- Combine outputs to increase voltage or current
up to 180 V or 24 A (depending on model)
- Advanced list mode programming with internal
storage for 10 list mode programs
- Channel coupling and tracking functions with
configurable output on/off delays
- Direct data logging to a USB flash drive
- Thermostatically-controlled fans for quiet
operation
- Adjustable voltage and current slew rates
- Built-in web server for control of basic power
supply settings
- Oscilloscope-like display mode to graphically
monitor voltage and current readings
- Rear output and remote sense terminals for
each channel
- Digital I/O terminal offers external triggering,
voltage fault and remote inhibit capabilities
- Overvoltage (OVP), overcurrent (OCP),
overtemperature (OTP) protection, and
key-lock function
- NISPOM-compliant sanitization to securely
restore factory settings
- USB (USBTMC-compliant) and LXI compliant
LAN interfaces standard, GPIB optional
- LabVIEWTM, IVI-C, and IVI.NET drivers
provided
- Remote PC control software available
- Convenient front-panel user calibration
- cTUVus certification mark fulfills CSA and UL
safety standards




Similar Part No. - 9140

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9140-4500PL 3M-9140-4500PL Datasheet
324Kb / 4P
Standard centerbump with straight solder tails
27-Sep-2007
logo
HARTING Technology Grou...
9140240303 HARTING-9140240303 Datasheet
484Kb / 2P
Hinged frame 24B for 6 modules (A..F)
2021-10-01
logo
FCI connector
91403-001 FCI-CONNECTOR-91403-001 Datasheet
257Kb / 2P
25M SURFACE MOUNT RECEPT, DOUBLE MODULE
logo
Metcal
914050-45BTE METCAL-914050-45BTE Datasheet
237Kb / 1P
Dispensing Tips
914050-90BTE METCAL-914050-90BTE Datasheet
237Kb / 1P
Dispensing Tips
More results


Similar Description - 9140

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
1672 BK-1672 Datasheet
1Mb / 3P
Triple Output DC Power Supplies
9110 BK-9110 Datasheet
726Kb / 1P
Multi-Range 60 V DC Power Supplies
9115 BK-9115 Datasheet
742Kb / 5P
Multi-Range Programmable DC Power Supplies
1670A BK-1670A Datasheet
427Kb / 1P
Triple Output DC Power Supplies
1651A BK-1651A Datasheet
830Kb / 1P
Triple Output DC Power Supplies
1760A BK-1760A Datasheet
521Kb / 1P
Triple Output DC Power Supplies
9103 BK-9103 Datasheet
1Mb / 3P
Multi-Range DC Power Supplies
9130B BK-9130B Datasheet
511Kb / 4P
Programmable Triple Output DC Power Supplies
9200 BK-9200 Datasheet
2Mb / 4P
Multi-Range Programmable DC Power Supplies
9200B BK-9200B Datasheet
1Mb / 6P
Multi-Range Programmable DC Power Supplies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com