Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V6300RSP5B Datasheet (PDF) - EM Microelectronic - MARIN SA

V6300RSP5B Datasheet PDF - EM Microelectronic - MARIN SA
Part # V6300RSP5B
Download  V6300RSP5B Download
File Size   346.52 Kbytes
Page   6 Pages
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA
Description Ultra Low Power 3-Pin Power-On Reset IC

V6300RSP5B Datasheet (PDF)

Go To PDF Page Download Datasheet
V6300RSP5B Datasheet PDF - EM Microelectronic - MARIN SA

Part # V6300RSP5B
Download  V6300RSP5B Click to download

File Size   346.52 Kbytes
Page   6 Pages
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA
Description Ultra Low Power 3-Pin Power-On Reset IC

V6300RSP5B Datasheet (HTML) - EM Microelectronic - MARIN SA


V6300RSP5B Product details

Description
The V6300 and V6301 are CMOS devices which monitor the supply voltage of any electronic system, and generate the appropriate Reset signal. The threshold defines the minimum allowed voltage which guarantees the good functionality of the system. As long as VDD stays upside this voltage level, the output stays inactive. If VDD drops below VTH, the output gets active. When VDD rises above VTH, the output remains active for an additional 290 ms (V6301) or 50 ms (V6300). This allows the system to stabilize before getting fully active. The threshold voltage may be obtained in different versions: 2.0V, 2.4V, 2.8V, 3.5V, 4.0V, 4.5V.

Features
❐ Clear microprocessor restart after power up
❐ Processor reset at power down
❐ Reset output guaranteed down to VDD = 1V
❐ Low power consumption: typ. 3µA at VDD = 5V
❐ -40 to +85°C temperature range
❐ Power-on reset time:
    ➤ V6300: 50 ms (typ)
    ➤ V6301: 290 ms (typ)
❐ On-chip oscillator
❐ No external components required
❐ Push-pull or open drain active low Reset output
❐ SOT-23 5L package

Applications
All microprocessor applications where an automatic restart is required:
❐ Computer electronics
❐ White / Brown goods
❐ Automotive electronics
❐ Industrial electronics
❐ Telecom systems
❐ Hand-held systems




Similar Part No. - V6300RSP5B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V6301 ETC-V6301 Datasheet
275Kb / 4P
Ultra Low Power 3-Pin Voltage Surveillance with Time-out
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
3-Pin Microprocessor Reset Circuit
V6309LSP3B EMMICRO-V6309LSP3B Datasheet
709Kb / 6P
3-Pin Microprocessor Reset Circuit
V6309LSP3B+ EMMICRO-V6309LSP3B+ Datasheet
709Kb / 6P
3-Pin Microprocessor Reset Circuit
V6309MSP3B EMMICRO-V6309MSP3B Datasheet
709Kb / 6P
3-Pin Microprocessor Reset Circuit
More results


Similar Description - V6300RSP5B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
logo
NXP Semiconductors
MAX6326 PHILIPS-MAX6326 Datasheet
95Kb / 12P
3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
logo
Vishay Siliconix
GS6332 VISHAY-GS6332 Datasheet
56Kb / 6P
3 Pin, Low-Power, P Reset Circuits
22-May-02
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332_05 Datasheet
147Kb / 6P
3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Rev 2; 12/05
MAX6800 MAXIM-MAX6800_11 Datasheet
130Kb / 7P
3-Pin, Low-Power uP Reset Circuits
Rev 3; 10/11
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
MAX6332_V3 MAXIM-MAX6332_V3 Datasheet
95Kb / 6P
3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits
Rev 3; 6/12
logo
ACE Technology Co., LTD...
ACE803N ACE-ACE803N Datasheet
651Kb / 8P
Ultra Low Power Microprocessor Reset IC
VER 1.2
logo
Shanghai Consonance Ele...
CN803 CONSONANCE-CN803 Datasheet
144Kb / 7P
Ultra Low Power Microprocessor Reset IC
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com