Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IT7322H Datasheet (PDF) - ITECH ELECTRONIC CO.,LTD.

IT7322H Datasheet PDF - ITECH ELECTRONIC CO.,LTD.
Part # IT7322H
Download  IT7322H Download
File Size   1428.35 Kbytes
Page   4 Pages
Manufacturer  ITECH [ITECH ELECTRONIC CO.,LTD.]
Direct Link  https://www.itechate.com/
Logo ITECH - ITECH ELECTRONIC CO.,LTD.
Description IT7300 Programmable AC Power Supply

IT7322H Datasheet (PDF)

Go To PDF Page Download Datasheet
IT7322H Datasheet PDF - ITECH ELECTRONIC CO.,LTD.

Part # IT7322H
Download  IT7322H Click to download

File Size   1428.35 Kbytes
Page   4 Pages
Manufacturer  ITECH [ITECH ELECTRONIC CO.,LTD.]
Direct Link  https://www.itechate.com/
Logo ITECH - ITECH ELECTRONIC CO.,LTD.
Description IT7300 Programmable AC Power Supply

IT7322H Datasheet (HTML) - ITECH ELECTRONIC CO.,LTD.


IT7322H Product details

IT7321 sets up the new standard for high
performance AC power source. It equips with all
powerful features such as power line
disturbance (PLD) simulation, Dimmer and
comprehensive measurement functions. IT7321
has built-in RS232 / USB / LAN communication
interface. They can be applied to commercial,
power electronics and military test applications
from bench-top testing to mass production.

Feature
-Precision Linear amplification technology, low noise, high stability
-High power density design, 300VA for ½ 2U, save installation space
-Adjustable frequency:45HZ-500HZ
-Adjustable phase angle: 0-360°
-Set the output slew rate of voltage and frequency
-High current crest factor for inrush current testing
-TRIAC Dimmer dimming / governor simulation function
-Output the changed synchronous TTL signal
-LIST mode for testing power perturbation (PLD) simulation
-Simulate the surge, trap waveform
-Voltage dip, short interruption and voltage change simulation
-Measure various electrical parameters, including RMS voltage /
current, actual power, power factor, VA (apparent power), peak
current and other parameters
-Measurement resolution can reach 0.01W / 0.1mA, meet
-Energy Star standard requirement
-Built-in RS-232, USB and LAN (support SCPI protocol)
-OCP,OVP,OTP,OPP




Similar Part No. - IT7322H

ManufacturerPart #DatasheetDescription
logo
ITE Tech.Inc.
IT7001M ITE-IT7001M Datasheet
218Kb / 24P
Programmable 8-Bit Binary Counter with Synchronous Preset Enable
IT7001N ITE-IT7001N Datasheet
218Kb / 24P
Programmable 8-Bit Binary Counter with Synchronous Preset Enable
logo
List of Unclassifed Man...
IT750DBU-4H ETC-IT750DBU-4H Datasheet
114Kb / 1P
Dynamic Braking Unit
More results


Similar Description - IT7322H

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7556AC ELANTEC-EL7556AC Datasheet
248Kb / 13P
Programmable CPU Power Supply Unit
logo
Extech Instruments Corp...
382280 EXTECH-382280 Datasheet
158Kb / 10P
Programmable DC Power Supply
logo
Good Will Instrument Co...
PSS-2005 GWINSTEK-PSS-2005 Datasheet
159Kb / 1P
PROGRAMMABLE LINEAR D.C. POWER SUPPLY
logo
B&K Precision Corporati...
9800 BK-9800 Datasheet
2Mb / 5P
Programmable AC Power Sources
1655A BK-1655A Datasheet
322Kb / 1P
AC Power Supply
9830B BK-9830B Datasheet
3Mb / 7P
Programmable AC Power Source
9830 BK-9830 Datasheet
2Mb / 5P
Programmable AC Power Source
logo
Pepperl+Fuchs Inc.
PSU1100-J1-AC-N0 PF-PSU1100-J1-AC-N0 Datasheet
519Kb / 3P
AC Power Supply
PSU1200-J2-AC-N0 PF-PSU1200-J2-AC-N0 Datasheet
519Kb / 3P
AC Power Supply
logo
COTEK ELECTRONIC IND. C...
AD-1500-LV COTEK-AD-1500-LV Datasheet
1Mb / 6P
1500W Programmable Digital Power Supply
2022.04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com