Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet (PDF) - Microchip Technology

PIC16F15213 Datasheet PDF - Microchip Technology
Part # PIC16F15213
Download  PIC16F15213 Download
File Size   9456.07 Kbytes
Page   439 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers

PIC16F15213 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F15213 Datasheet PDF - Microchip Technology

Part # PIC16F15213
Download  PIC16F15213 Click to download

File Size   9456.07 Kbytes
Page   439 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers

PIC16F15213 Datasheet (HTML) - Microchip Technology


PIC16F15213 Product details

Introduction
The PIC16F152 microcontroller family has a suite of digital and analog peripherals that enable cost-sensitive sensor and real-time control applications. This product family is available from 8 to 44-pin packages in a memory range of 3.5 KB to 28 KB, with speeds up to 32 MHz. The family includes a 10-bit Analog-to-Digital Converter (ADC), Peripheral Pin Select (PPS), Memory Access Partition (MAP) to support users in data protection and bootloader applications, Device Information Area (DIA) that stores Fixed Voltage Reference (FVR) offset values to help improve ADC accuracy, digital communication peripherals, timers and waveform generators. This small form factor device is
well suited for low-cost sensor and control applications.

Core Features
• C Compiler Optimized RISC Architecture
• Operating Speed:
– DC – 32 MHz clock input
– 125 ns minimum instruction time
• 16-Level Deep Hardware Stack
• Low-Current Power-on Reset (POR)
• Configurable Power-up Timer (PWRT)
• Brown-out Reset (BOR)
• Watchdog Timer (WDT)




Similar Part No. - PIC16F15213

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F15213 MICROCHIP-PIC16F15213 Datasheet
7Mb / 420P
PIC16F15213/14/23/24/43/44 Full-Featured 8/14/20-Pin Microcontrollers
Rev. A 04/2020
PIC16F15213 MICROCHIP-PIC16F15213 Datasheet
6Mb / 408P
PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
More results


Similar Description - PIC16F15213

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5101 ATMEL-T83C5101_03 Datasheet
740Kb / 58P
8-bit Low Pin Count Microcontrollers
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
8-bit Low Pin Count Microcontrollers
logo
fujitsu semiconductor
MB95200 FUJITSU-MB95200 Datasheet
969Kb / 4P
Low-Pin-Count Microcontrollers
logo
Microchip Technology
PIC16F15213 MICROCHIP-PIC16F15213 Datasheet
7Mb / 420P
PIC16F15213/14/23/24/43/44 Full-Featured 8/14/20-Pin Microcontrollers
Rev. A 04/2020
PIC16F18426 MICROCHIP-PIC16F18426 Datasheet
10Mb / 708P
14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18424 MICROCHIP-PIC16F18424 Datasheet
10Mb / 707P
14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18425 MICROCHIP-PIC16F18425 Datasheet
10Mb / 708P
14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F17114 MICROCHIP-PIC16F17114 Datasheet
13Mb / 666P
PIC16F17114/15/24/25/44/45 Full-Featured 8/14/20-Pin Microcontrollers
Doc. Rev. A Date 03/2022
PIC16F18114 MICROCHIP-PIC16F18114 Datasheet
12Mb / 652P
PIC16F18114/15/24/25/44/45 Full-Featured 8/14/20-Pin Microcontrollers
Doc. Rev. A Date 03/2022
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com