Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3182 Datasheet (PDF) - Analog Devices

ADP3182 Datasheet PDF - Analog Devices
Part # ADP3182
Download  ADP3182 Download
File Size   417.13 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller

ADP3182 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3182 Datasheet PDF - Analog Devices

Part # ADP3182
Download  ADP3182 Click to download

File Size   417.13 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller

ADP3182 Datasheet (HTML) - Analog Devices


ADP3182 Product details

GENERAL DESCRIPTION
The ADP3182 is a highly efficient multiphase, synchronous, buck-switching regulator controller optimized for converting a 12 V main supply into a high current, low voltage supply for use in point-of-load (POL) applications. It uses a multimode PWM architecture to drive the logic-level outputs at a programmable switching frequency that can be optimized for VR size and efficiency. The phase relationship of the output signals can be programmed to provide 1-, 2-, or 3-phase operation, allowing for the construction of up to three complementary buckswitching stages. The ADP3182 also provides accurate and reliable short-circuit protection and adjustable current limiting.

FEATURES
   Selectable 1-, 2-, or 3-phase operation at up to 1 MHz per
      phase
   ±2% worst-case differential sensing error over temperature
   Externally adjustable 0.8 V to >5 V output from a 12 V supply
   Logic-level PWM outputs for interface to external high
      power drivers
   Active current balancing between all output phases
   Built-in power good/crowbar functions
   Programmable short-circuit protection with programmable
      latch-off delay

APPLICATIONS
   Auxiliary supplies
   DDR memory supplies
   Point-of-load modules




Similar Part No. - ADP3182

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV.0
ADP3180JRU-REEL AD-ADP3180JRU-REEL Datasheet
529Kb / 20P
6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV.0
ADP3180JRU-REEL7 AD-ADP3180JRU-REEL7 Datasheet
529Kb / 20P
6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV.0
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
7/05-Rev. 0 to Rev. A
ADP3181JRQZ-RL AD-ADP3181JRQZ-RL Datasheet
541Kb / 24P
5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
7/05-Rev. 0 to Rev. A
More results


Similar Description - ADP3182

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5182 FAIRCHILD-FAN5182 Datasheet
788Kb / 18P
Adjustable Output 1, 2, or 3-Phase Synchronous Buck Controller
FAN5182 FAIRCHILD-FAN5182_07 Datasheet
478Kb / 19P
Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182 FAIRCHILD-FAN5182_08 Datasheet
786Kb / 19P
Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
logo
ON Semiconductor
NCP81172 ONSEMI-NCP81172 Datasheet
577Kb / 14P
2-Phase Synchronous Buck Controller
April, 2013 ??Rev. 1
NCP81174 ONSEMI-NCP81174 Datasheet
154Kb / 18P
4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
NCP81174 ONSEMI-NCP81174_16 Datasheet
148Kb / 18P
4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
NCP81174N ONSEMI-NCP81174N Datasheet
207Kb / 18P
4/3/2-Phase Synchronous Buck Controller
March, 2016 ??Rev. 0
logo
uPI Group Inc.
UP9510 UPI-UP9510 Datasheet
374Kb / 19P
3/2/1-Phase Synchronous-Rectified Buck Controller
UP1666Q UPI-UP1666Q Datasheet
417Kb / 18P
2-Phase Synchronous-Rectified Buck Controller
UP9509S UPI-UP9509S Datasheet
379Kb / 18P
3/2/1-Phase Synchronous-Rectified Buck Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com