Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC595RM13TR Datasheet (PDF) - STMicroelectronics

M74HC595RM13TR Datasheet PDF - STMicroelectronics
Part # M74HC595RM13TR
Download  M74HC595RM13TR Download
File Size   579.68 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-bit shift register with output latches (3-state)

M74HC595RM13TR Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC595RM13TR Datasheet PDF - STMicroelectronics

Part # M74HC595RM13TR
Download  M74HC595RM13TR Click to download

File Size   579.68 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-bit shift register with output latches (3-state)

M74HC595RM13TR Datasheet (HTML) - STMicroelectronics


M74HC595RM13TR Product details

Description
The M74HC595 device is a high speed CMOS
8-bit shift register with output latches (3-state)
fabricated with silicon gate C2MOS technology.
This device contains an 8-bit serial in, parallel out
shift register that feeds an 8-bit D-type storage
register. The storage register has 8 3-state
outputs. Separate clocks are provided for both the
shift register and the storage register.
The shift register has direct overriding clear, serial
input, and serial output (standard) pins for
cascading. Both the shift register and storage
register use positive edge triggered clocks. If both
clocks are connected together, the shift register
state will always be one clock pulse ahead of the
storage register.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.

Features
• High speed: fMAX = 59 MHz (typ.) at VCC = 6 V
• Low power dissipation: ICC = 4 μA (max.)
at TA= 25 °C
• High noise immunity:
VNIH = VNIL = 28% VCC (min.)
• Symmetrical output impedance:
– |IOH| = IOL = 6 mA (min.) for QA to QH
– |IOH| = IOL = 4 mA (min.) for QH’
• Balanced propagation delays: tPLH ≅ tPHL
• Wide operating voltage range:
VCC (opr.) = 2 V to 6 V
• Pin and function compatible with 74 series 595
• ESD performance
– HBM: 2 kV
– MM: 200 V
– CDM: 1 kV

Applications
• Automotive
• Industrial
• Computer
• Consumer




Similar Part No. - M74HC595RM13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC595RM13TR STMICROELECTRONICS-M74HC595RM13TR Datasheet
282Kb / 13P
8 BIT SHIFT REGISTER WITH OUTPUT LATCHES 3 STATE
Apr-1993
M74HC595RM13TR STMICROELECTRONICS-M74HC595RM13TR Datasheet
627Kb / 16P
8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
Mar-2004
More results


Similar Description - M74HC595RM13TR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F595 PHILIPS-74F595 Datasheet
99Kb / 13P
8-bit shift register with output laches 3-State
1990 Apr 18
logo
STMicroelectronics
M54HC595 STMICROELECTRONICS-M54HC595 Datasheet
282Kb / 13P
8 BIT SHIFT REGISTER WITH OUTPUT LATCHES 3 STATE
Apr-1993
logo
Fairchild Semiconductor
74VHC595 FAIRCHILD-74VHC595 Datasheet
83Kb / 9P
8-Bit Shift Register with Output Latches
logo
ON Semiconductor
MC74VHC595 ONSEMI-MC74VHC595 Datasheet
269Kb / 12P
8-Bit Shift Register with Output Storage Register (3-State)
March, 2006 -- Rev. 4
logo
Fairchild Semiconductor
74VHC595 FAIRCHILD-74VHC595_07 Datasheet
407Kb / 12P
8-Bit Shift Register with Output Latches
logo
STMicroelectronics
M54HC595 STMICROELECTRONICS-M54HC595_04 Datasheet
738Kb / 15P
RAD-HARD 8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
01-Jun-2004
M74HC595 STMICROELECTRONICS-M74HC595 Datasheet
627Kb / 16P
8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
Mar-2004
logo
Unisonic Technologies
U74AHC595 UTC-U74AHC595 Datasheet
268Kb / 7P
8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
logo
ON Semiconductor
74VHC595 ONSEMI-74VHC595 Datasheet
408Kb / 14P
8-Bit Shift Register with Output Latches
May 2007 Rev. 1.2
MM74HC595 ONSEMI-MM74HC595 Datasheet
662Kb / 16P
8-Bit Shift Register with Output Latches
June 2009 Rev. 1.0.2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com