Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP7NC60H Datasheet (PDF) - STMicroelectronics

STGP7NC60H Datasheet PDF - STMicroelectronics
Part # STGP7NC60H_V01
Download  STGP7NC60H Download
File Size   794.93 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel PowerMESH™ 600 V, 14 A very fast IGBT

STGP7NC60H Datasheet (PDF)

Go To PDF Page Download Datasheet
STGP7NC60H Datasheet PDF - STMicroelectronics

Part # STGP7NC60H_V01
Download  STGP7NC60H Click to download

File Size   794.93 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel PowerMESH™ 600 V, 14 A very fast IGBT

STGP7NC60H Datasheet (HTML) - STMicroelectronics


STGP7NC60H Product details

Description
This device is a very fast IGBT developed using
advanced PowerMESH™ technology. This
process guarantees an excellent trade-off
between switching performance and low on-state
behavior. This device is well-suited for resonant
or soft-switching applications.

Features
 Low on-voltage drop (VCE(sat))
 High frequency operation up to 70 kHz

Applications
 High frequency inverters
 SMPS and PFC in both hard switch and
resonant topologies
 Motor drivers




Similar Part No. - STGP7NC60H_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP7NC60HD STMICROELECTRONICS-STGP7NC60HD Datasheet
430Kb / 15P
N-CHANNEL 14A - 600V - TO-220/TO-220FP/DPAK Very Fast PowerMESH IGBT
STGP7NC60HD STMICROELECTRONICS-STGP7NC60HD Datasheet
1Mb / 22P
N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
27-Jun-2012
More results


Similar Description - STGP7NC60H_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
30 A - 600 V - very fast IGBT
14-May-2008
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
511Kb / 18P
19 A - 600 V - very fast IGBT
01-Jul-2008
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
600 V - 10 A - very fast IGBT
16-Dec-2008
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
19 A - 600 V - very fast IGBT
19-May-2009
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
19 A - 600 V - very fast IGBT
01-Sep-2009
STGD6NC60H-1 STMICROELECTRONICS-STGD6NC60H-1 Datasheet
376Kb / 13P
N-channel 600 V, 7 A - IPAK Very fast PowerMESH™ IGBT
08-Apr-2014
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
30 A - 600 V - very fast IGBT
16-Apr-2012
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
600 V - 10 A - very fast IGBT
16-Dec-2008
STGB20NC60V STMICROELECTRONICS-STGB20NC60V_V01 Datasheet
469Kb / 20P
30 A - 600 V - very fast IGBT
18-Jun-2015
STGB7NC60HD STMICROELECTRONICS-STGB7NC60HD_V01 Datasheet
1Mb / 22P
N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
27-Jun-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com