Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSC025N08LS5 Datasheet (PDF) - Infineon Technologies AG

BSC025N08LS5 Datasheet PDF - Infineon Technologies AG
Part # BSC025N08LS5
Download  BSC025N08LS5 Download
File Size   1401.86 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM 5 Power-Transistor, 80 V

BSC025N08LS5 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSC025N08LS5 Datasheet PDF - Infineon Technologies AG

Part # BSC025N08LS5
Download  BSC025N08LS5 Click to download

File Size   1401.86 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM 5 Power-Transistor, 80 V

BSC025N08LS5 Datasheet (HTML) - Infineon Technologies AG


BSC025N08LS5 Product details

Features
• Optimized for high performance SMPS, e.g. sync. Rec.
• 100% avalanche tested
• Superior thermal resistance
• N-channel, logic level
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21




Similar Part No. - BSC025N08LS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC025N03LS INFINEON-BSC025N03LS Datasheet
390Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 1.6 2009-10-22
BSC025N03LSG INFINEON-BSC025N03LSG Datasheet
390Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 1.6 2009-10-22
BSC025N03MS INFINEON-BSC025N03MS Datasheet
298Kb / 10P
OptiMOS?? M-Series Power-MOSFET
Rev. 1.15 2009-10-22
BSC025N03MSG INFINEON-BSC025N03MSG Datasheet
298Kb / 10P
OptiMOS?? M-Series Power-MOSFET
Rev. 1.15 2009-10-22
logo
TECH PUBLIC Electronics...
BSC025N03MSG-TP TECHPUBLIC-BSC025N03MSG-TP Datasheet
1Mb / 3P
N-Channel 30V(D-S) Enhancement MOSFET
More results


Similar Description - BSC025N08LS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPT029N08N5 INFINEON-IPT029N08N5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 80 V
Rev.2.0,2016-01-22
IPTC012N08NM5 INFINEON-IPTC012N08NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 80 V
Rev.2.0,2021-02-02
IPTC014N08NM5 INFINEON-IPTC014N08NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 80 V
Rev.2.0,2021-02-02
BSC037N08NS5T INFINEON-BSC037N08NS5T Datasheet
1Mb / 12P
OptiMOSTM 5 Power-Transistor, 80 V
Rev.2.2,2020-06-17
IPA040N08NM5S INFINEON-IPA040N08NM5S Datasheet
1Mb / 10P
OptiMOSTM 5 Power-Transistor, 80 V
Rev.2.1,2019-09-02
IPTG025N08NM5 INFINEON-IPTG025N08NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 80 V
Rev.2.0,2021-03-29
BSC033N08NS5SC INFINEON-BSC033N08NS5SC Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 80 V
Rev. 2.1, 2022-10-06
IQE046N08LM5CG INFINEON-IQE046N08LM5CG Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 80 V
Rev. 2.0, 2023-01-12
IQE046N08LM5SC INFINEON-IQE046N08LM5SC Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 80 V
Rev. 2.0, 2023-01-12
ISC0604NLS INFINEON-ISC0604NLS Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 80 V
Rev. 2.1, 2023-04-04
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com