Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5P49V5907 Datasheet (PDF) - Renesas Technology Corp

5P49V5907 Datasheet PDF - Renesas Technology Corp
Part # 5P49V5907
Download  5P49V5907 Download
File Size   633.62 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Clock Generator

5P49V5907 Datasheet (PDF)

Go To PDF Page Download Datasheet
5P49V5907 Datasheet PDF - Renesas Technology Corp

Part # 5P49V5907
Download  5P49V5907 Click to download

File Size   633.62 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Clock Generator

5P49V5907 Datasheet (HTML) - Renesas Technology Corp


5P49V5907 Product details

Description
The 5P49V5907 is a programmable clock generator intended
for high performance consumer, networking, industrial,
computing, and data-communications applications.
Configurations may be stored in on-chip One-Time
Programmable (OTP) memory or changed using I2C
interface. This is IDTs fifth generation of programmable clock
technology (VersaClock® 5).
The frequencies are generated from a single reference clock
or crystal. Two select pins allow up to 4 different
configurations to be programmed and accessible using
processor GPIOs or bootstrapping. The different selections
may be used for different operating modes (full function,
partial function, partial power-down), regional standards (US,
Japan, Europe) or system production margin testing.
The device may be configured to use one of two I2C
addresses to allow multiple devices to be used in a system.

Features
• Generates up to four independent output frequencies with a
total of 7 differential outputs and one reference output
• Supports multiple differential output I/O standards:
– Three universal outputs pairs with each configurable
as one differential output pair (LVDS, LVPECL or
regular HCSL) or two LVCMOS outputs. Frequency of
each output pair can be individually programmed
– Four copies of Low Power HCSL(LP-HCSL) outputs.
• Programmable frequency:
– See Output Features and Descriptions for details
• One reference LVCMOS output clock
• High performance, low phase noise PLL, <0.7 ps RMS
typical phase jitter on outputs:
– PCIe Gen1, 2, 3 compliant clock capability
– USB 3.0 compliant clock capability
– 1 GbE and 10 GbE
• Four fractional output dividers (FODs)
• Independent Spread Spectrum capability from each
fractional output divider (FOD)
• Four banks of internal non-volatile in-system
programmable or factory programmable OTP memory
• I
2C serial programming interface
• Input frequency ranges:
– LVCMOS Reference Clock Input (XIN/REF) – 1MHz
to 200MHz
– Crystal frequency range: 8MHz to 40MHz
• Output frequency ranges:
– LVCMOS Clock Outputs – 1MHz to 200MHz
– LP-HCSL Clock Outputs – 1MHz to 200MHz
– Other Differential Clock Outputs – 1MHz to 350MHz
• Programmable loop bandwidth
• Programmable crystal load capacitance
• Power-down mode
• Mixed voltage operation:
– 1.8V core
– 1.8V VDDO for 4 LP-HCSL outputs
– 1.8V to 3.3V VDDO for other outputs
(3 programmable differential outputs and 1 reference
output)
– See Pin Descriptions for details
• Packaged in 40-pin 5mm x 5mm VFQFPN (NDG40)
• -40° to +85°C industrial temperature operation




Similar Part No. - 5P49V5907

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5907 IDT-5P49V5907 Datasheet
430Kb / 30P
Programmable frequency
5P49V5907 IDT-5P49V5907 Datasheet
429Kb / 30P
Programmable Clock Generator
5P49V5907BdddNDGI IDT-5P49V5907BdddNDGI Datasheet
431Kb / 30P
Programmable Clock Generator
5P49V5907BdddNDGI8 IDT-5P49V5907BdddNDGI8 Datasheet
431Kb / 30P
Programmable Clock Generator
5P49V5907 IDT-5P49V5907_16 Datasheet
429Kb / 30P
Programmable Clock Generator
More results


Similar Description - 5P49V5907

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5933 IDT-5P49V5933_16 Datasheet
433Kb / 33P
Programmable Clock Generator
5P49V5944 IDT-5P49V5944_16 Datasheet
416Kb / 32P
Programmable Clock Generator
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
Programmable Clock Generator
5P49V5925 IDT-5P49V5925_1 Datasheet
413Kb / 27P
Programmable Clock Generator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com