Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV512C Datasheet (PDF) - STMicroelectronics

ST25TV512C Datasheet PDF - STMicroelectronics
Part # ST25TV512C
Download  ST25TV512C Download
File Size   124.96 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Set of ST25TV and ST25TN series NFC tags

ST25TV512C Datasheet (PDF)

Go To PDF Page Download Datasheet
ST25TV512C Datasheet PDF - STMicroelectronics

Part # ST25TV512C
Download  ST25TV512C Click to download

File Size   124.96 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Set of ST25TV and ST25TN series NFC tags

ST25TV512C Datasheet (HTML) - STMicroelectronics


ST25TV512C Product details

Description
The ST25-TAG-BAG-EC is a ready-to-use set, containing tags based on NFC Forum
Type 5 (ST25TV512C and ST25TV02KC) and NFC Forum Type 2 (ST25TN512 and
ST25TN01K) tag ICs. These ICs are combined with antennas of different size and
material, with advanced designs (like tamper detect) to address different applications.
The set is intended for evaluation of the ST25TV and ST25TN series NFC tags,
belonging to the ST25T product family, offering long (ISO/IEC 15693) and short
range (ISO/IEC 14443) NFC/RFID tags with advanced features, and memory sizes in
the 512- to 2K-bit range.
For more info on the used devices visit the ST25TV and ST25TN webpages.

Features
• ST25TV02KC 73 mm x 22 mm tamper detect tag
• ST25TV512C 74 mm x 14 mm PET smart label
• ST25TV512C 38 mm x 38 mm thermal-transfer printable smart label
• ST25TN01K 24 mm diameter smart label with AppClip
• ST25TN512 23 mm x 17 mm smart label
• ST25TV512C 15 mm diameter small footprint smart label




Similar Part No. - ST25TV512C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25TV512 STMICROELECTRONICS-ST25TV512 Datasheet
1Mb / 90P
NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
Rev 11
More results


Similar Description - ST25TV512C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88RF256-12 ATMEL-AT88RF256-12 Datasheet
190Kb / 12P
125 kHz RFID Chip for Cards and Tags
logo
List of Unclassifed Man...
AS3911-BQFT-1K ETC2-AS3911-BQFT-1K Datasheet
286Kb / 2P
NFC for Point of Sale
logo
STMicroelectronics
AN2866 STMICROELECTRONICS-AN2866 Datasheet
295Kb / 24P
RFID tags extract all of their power
15-Jan-2008
STEVAL-ISA161V1 STMICROELECTRONICS-STEVAL-ISA161V1 Datasheet
234Kb / 5P
Full set of protection features
November 2014 Rev 2
logo
Lumins Inc.
EC642 LUMINIS-EC642 Datasheet
392Kb / 3P
Set of three aluminum louvers
EC802 LUMINIS-EC802 Datasheet
434Kb / 5P
Set of three aluminum louvers
EC842 LUMINIS-EC842 Datasheet
377Kb / 3P
Set of three aluminum louvers
logo
STMicroelectronics
ST25-TAG-BAG-UB STMICROELECTRONICS-ST25-TAG-BAG-UB Datasheet
5Mb / 3P
Set of ST25TA and ST25TV series NFC tags
Rev 1 - April 2021
logo
Schneider Electric
KZ32 SCHNEIDER-KZ32 Datasheet
103Kb / 2P
TeSys Mini-VARIO and VARIO - door interlock - set of 5
Feb 10, 2022
logo
NXP Semiconductors
PN7220 NXP-PN7220 Datasheet
1Mb / 185P
NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.0 - 5 July 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com