Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78M05ABV Datasheet (PDF) - STMicroelectronics

L78M05ABV Datasheet PDF - STMicroelectronics
Part # L78M05ABV
Download  L78M05ABV Download
File Size   1080.2 Kbytes
Page   45 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Precision 500 mA regulators

L78M05ABV Datasheet (PDF)

Go To PDF Page Download Datasheet
L78M05ABV Datasheet PDF - STMicroelectronics

Part # L78M05ABV
Download  L78M05ABV Click to download

File Size   1080.2 Kbytes
Page   45 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Precision 500 mA regulators

L78M05ABV Datasheet (HTML) - STMicroelectronics


L78M05ABV Product details

Description
The L78M series of three-terminal positive regulators is available in TO-220,
TO-220FP, DPAK and IPAK packages and with several fixed output voltages, making
it useful in a wide range of applications. These regulators can provide local on-card
regulation, eliminating the distribution problems associated with single point
regulation. Each type employs internal current limiting, thermal shutdown and safe
area protection, resulting it essentially indestructible. If adequate heat sinking is
provided, they can deliver over 0.5 A output current. Although designed primarily as
fixed voltage regulators, these devices can be used with external components to
obtain adjustable voltage and currents.

Features
• Output current to 0.5 A
• Output voltages of 5; 6; 8; 9; 10; 12; 15; 24 V
• Thermal overload protection
• Short circuit protection
• Output transition SOA protection
• Output voltage tolerance: 2 % (AB and AC versions) or 4 % (C version)
• Guaranteed in extended temperature range




Similar Part No. - L78M05ABV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78M05ABV STMICROELECTRONICS-L78M05ABV Datasheet
203Kb / 17P
PRECISION 500mA REGULATORS
Oct-2003
More results


Similar Description - L78M05ABV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78MXXAB STMICROELECTRONICS-L78MXXAB Datasheet
873Kb / 29P
Precision 500 mA regulators
20-Feb-2008
L78M05AB STMICROELECTRONICS-L78M05AB_11 Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M24ACDT-TR STMICROELECTRONICS-L78M24ACDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M10ABDT-TR STMICROELECTRONICS-L78M10ABDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M24ABDT-TR STMICROELECTRONICS-L78M24ABDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
CD00000448 STMICROELECTRONICS-CD00000448 Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M05ACDT-TR STMICROELECTRONICS-L78M05ACDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M08ABDT-TR STMICROELECTRONICS-L78M08ABDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M12ABDT-TR STMICROELECTRONICS-L78M12ABDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M STMICROELECTRONICS-L78M Datasheet
1Mb / 47P
Precision 500 mA regulators
21-Mar-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com