Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD59030 Datasheet (PDF) - STMicroelectronics

LD59030 Datasheet PDF - STMicroelectronics
Part # LD59030
Download  LD59030 Download
File Size   1965.21 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 300 mA very low dropout linear regulator IC

LD59030 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD59030 Datasheet PDF - STMicroelectronics

Part # LD59030
Download  LD59030 Click to download

File Size   1965.21 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 300 mA very low dropout linear regulator IC

LD59030 Datasheet (HTML) - STMicroelectronics


LD59030 Product details

Description
The LD59030 high accuracy voltage regulator provides 300 mA of maximum current
from an input voltage ranging from 1.5 V to 5.5 V, with a typical dropout voltage of
135 mV at VOUT = 3.3 V.
It is available in DFN4 1x1 package, allowing the maximum space saving.
The device works with a ceramic capacitor on the output. The ultra-low drop voltage,
low quiescent current and low noise features, together with the internal soft-start
circuit and output current fold-back protection, make the LD59030 suitable for low
power battery-operated applications.
An enable logic control function puts the LD59030 in shutdown mode allowing a total
current consumption lower than 0.03 µA.

Features
• Input voltage from 1.5 to 5.5 V
• Ultra low dropout voltage (135 mV typ. at 300 mA load)
• Very low quiescent current (28 µA typ. at no load, 0.03 µA typ. in off mode)
• Internal current fold-back
• Output voltage tolerance: ± 1 % @ 25 °C
• 300 mA guaranteed output current
• High PSRR: 75 dB@1 kHz
• Wide range of output voltages available on request: from 0.8 V up to 5.0 V in 50
mV step
• Logic-controlled electronic shutdown
• Internal soft-start
• Optional output voltage discharge feature
• Compatible with ceramic capacitor COUT = 0.47 µF
• Thermal protection
• Available in DFN4 1x1
• Operating temperature range: -40 °C to 125 °C




Similar Part No. - LD59030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD59030 STMICROELECTRONICS-LD59030 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results


Similar Description - LD59030

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
logo
Analog Devices
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
logo
Analog Devices
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
STMicroelectronics
LD39030 STMICROELECTRONICS-LD39030 Datasheet
1Mb / 21P
300 mA very low quiescent current linear regulator IC
16-Nov-2015
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
300-mA, Low-Dropout Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com