Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD59150 Datasheet (PDF) - STMicroelectronics

LD59150 Datasheet PDF - STMicroelectronics
Part # LD59150
Download  LD59150 Download
File Size   1550.49 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.5 A low-dropout linear regulator with programmable soft-start

LD59150 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD59150 Datasheet PDF - STMicroelectronics

Part # LD59150
Download  LD59150 Click to download

File Size   1550.49 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.5 A low-dropout linear regulator with programmable soft-start

LD59150 Datasheet (HTML) - STMicroelectronics


LD59150 Product details

Description
The LD59150 is a 1.5 A LDO regulator, designed to be used in several environments.
Two versions, Industrial and AEC-Q100 are available.
NMOS topology allows RDS(on) of the pass-element to be reduced, which results in a
very small dropout voltage even with a very low input supply voltage.
Output voltage can be adjusted from 0.8 to 3.6 V, by an external resistor divider.
The programmable soft-start circuit offers the possibility to control the inrush current
at start-up providing a monotonic supply voltage to the load.
The LD59150 has enable pin to turn on/off (EN) the regulator and Power Good to
monitor the regulated output voltage (PG).
The combination of both can be used to set a desired power sequence in case of
multiple regulated rails.
The LD59150 embeds protection functions, such as: current limit and thermal
shutdown.

Features
• AEC-Q100 qualified
• Dual supply pins
– VIN: 0.8 V to 5.5 V
– VBIAS: 2.7 V to 5.5 V
• VOUT range: 0.8 V to 3.6 V
• Ultra low-dropout: 65 mV typ. (125 mV max.) at 1.5 A
• High VOUT accuracy
– 0.5% typ. at Tamb
– 2% max.
• Power Good function
• Programmable soft-start
• Thermal shutdown
• Current limitation circuit
• Adjustable output voltage
• Stable with low ESR output capacitor (> 2.2 µF)
• DFN10 (3x3) mm package with wettable flanks
• Operating temperature range: - 40 °C + 125 °C

Applications
• Automotive and industrial post regulation
• Generic POL
• Automotive and industrial ASICs and FPGA supply
• Telecom infrastructure
• A.D.A.S. (advanced driver-assistance systems)




Similar Part No. - LD59150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
1.5 A low-dropout linear regulator with programmable soft-start
11-Nov-2020
LD59150PUR STMICROELECTRONICS-LD59150PUR Datasheet
1Mb / 22P
1.5 A low-dropout linear regulator with programmable soft-start
11-Nov-2020
LD59150PURY STMICROELECTRONICS-LD59150PURY Datasheet
1Mb / 22P
1.5 A low-dropout linear regulator with programmable soft-start
11-Nov-2020
More results


Similar Description - LD59150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS748 TI-TPS748_15 Datasheet
1Mb / 38P
TPS748 1.5-A Low-Dropout Linear Regulator With Programmable Soft-Start
TPS7A74 TI-TPS7A74 Datasheet
2Mb / 39P
TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
TPS7A74 TI-TPS7A74_V01 Datasheet
2Mb / 42P
TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
1.5 A low-dropout linear regulator with programmable soft-start
11-Nov-2020
logo
Texas Instruments
TPS748A TI-TPS748A Datasheet
1Mb / 30P
TPS748A 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
TPS748A-Q1 TI-TPS748A-Q1 Datasheet
2Mb / 31P
TPS748A-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
TPS748 TI-TPS748 Datasheet
3Mb / 47P
TPS748 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74801-Q1 TI-TPS74801-Q1_V01 Datasheet
3Mb / 45P
TPS74801-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED JULY 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com