Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALANS10001 Datasheet (PDF) - Abracon Corporation

ALANS10001 Datasheet PDF - Abracon Corporation
Part # ALANS10001
Download  ALANS10001 Download
File Size   770.29 Kbytes
Page   8 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 10/100/1000 BASE-T Single Port SMD LAN Transformer Module

ALANS10001 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALANS10001 Datasheet PDF - Abracon Corporation

Part # ALANS10001
Download  ALANS10001 Click to download

File Size   770.29 Kbytes
Page   8 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 10/100/1000 BASE-T Single Port SMD LAN Transformer Module

ALANS10001 Datasheet (HTML) - Abracon Corporation


ALANS10001 Product details

Features
• Meets IEEE 802.3ab standards
• Compatible with 10 BASE-T, 100 BASE-TX and 1000 BASE-T
• Operating temperature range up to -40°C to +125°C
• RoHS Compliant
• High performance magnetics for EMI suppression and common mode noise rejection
• Multiple schematic and pinout options 0.99mm and 1.27mm pin pitch for the 24-pin package size
• 1CT:1CT TX and RX Transformers

Applications
• Fast and gigabit Ethernet
• Servers, switches and routers
• IP cameras, surveillance, and phone
• Access points
• Industrial computers and robotics
• Networking and communications
• Broadcast video
• Set top box




Similar Part No. - ALANS10001

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ALANS10002 ABRACON-ALANS10002 Datasheet
2Mb / 10P
10/100/1000 BASE-T Dual Port SMD LAN Transformer Module
08-5-19
ALANS10002-6N11D ABRACON-ALANS10002-6N11D Datasheet
2Mb / 10P
10/100/1000 BASE-T Dual Port SMD LAN Transformer Module
08-5-19
ALANS10002-6N11DT ABRACON-ALANS10002-6N11DT Datasheet
2Mb / 10P
10/100/1000 BASE-T Dual Port SMD LAN Transformer Module
08-5-19
ALANS10002-6N11E ABRACON-ALANS10002-6N11E Datasheet
2Mb / 10P
10/100/1000 BASE-T Dual Port SMD LAN Transformer Module
08-5-19
ALANS10002-6N11ET ABRACON-ALANS10002-6N11ET Datasheet
2Mb / 10P
10/100/1000 BASE-T Dual Port SMD LAN Transformer Module
08-5-19
More results


Similar Description - ALANS10001

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8261 FILTRAN-8261 Datasheet
172Kb / 1P
LAN 10/100 Base-T Single Port Transformer Module
8447 FILTRAN-8447 Datasheet
148Kb / 1P
LAN 10/100 Base-T Single Port Transformer Module
logo
Allied Components Inter...
AG2405CI ALLIED-AG2405CI Datasheet
485Kb / 1P
10/100/1000 Base T Single Port LAN Filter Module
AG2436CI ALLIED-AG2436CI Datasheet
465Kb / 1P
10/100/1000 Base T Single Port LAN Filter Module
logo
Abracon Corporation
ALAN110001 ABRACON-ALAN110001 Datasheet
747Kb / 9P
POE 10/100/1000 BASE-T Single Port SMD LAN Transformer Module
10-8-21
ALAN210001 ABRACON-ALAN210001 Datasheet
1Mb / 7P
POE 10/100/1000 BASE-T Single Port SMD LAN Transformer Module
09-4-19
ALANL10001 ABRACON-ALANL10001 Datasheet
1Mb / 7P
10/100/1000 BASE-T Low Profile SMD LAN Transformer Module
08-5-19
ALANM10001 ABRACON-ALANM10001 Datasheet
1Mb / 6P
10/100/1000 Base-T Single Port SMD LAN Transformer Module
05-6-19
ALANM10002 ABRACON-ALANM10002 Datasheet
902Kb / 6P
10/100/1000 BASE-T Dual Port SMD LAN Transformer Module
05-10-19
ALANS10002 ABRACON-ALANS10002 Datasheet
2Mb / 10P
10/100/1000 BASE-T Dual Port SMD LAN Transformer Module
08-5-19
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com