Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM2214-470M Datasheet (PDF) - Shenzhen Codaca Electronic Co.,Ltd

CSM2214-470M Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd
Part # CSM2214-470M
Download  CSM2214-470M Download
File Size   914.98 Kbytes
Page   7 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description High Current Power Inductor

CSM2214-470M Datasheet (PDF)

Go To PDF Page Download Datasheet
CSM2214-470M Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd

Part # CSM2214-470M
Download  CSM2214-470M Click to download

File Size   914.98 Kbytes
Page   7 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description High Current Power Inductor

CSM2214-470M Datasheet (HTML) - Shenzhen Codaca Electronic Co.,Ltd


CSM2214-470M Product details

Features:
Core material: Ferrite
Core and winding loss:
See www.codaca.com/en/PowerInductorLossComparison
Enviromental: RoHS, Reach compliant ,Halogen free
Weight:2.36g
Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at <30°C / 85% relative humidity).
Operating temperature range: -40 +125
(including coil’s self temperature rise)
Storage temperature range: -40 ~+125

Application:
Rraphic cards/ industrial conputers.
DC /DC converters/Motherboards/Filter
High current switching regulators/Polyphase-switching regulators




Similar Part No. - CSM2214-470M

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
CSM221-12AE OHMITE-CSM221-12AE Datasheet
411Kb / 2P
The economically priced CSM Series is suitable
CSM221-12AE OHMITE-CSM221-12AE Datasheet
411Kb / 2P
Board Mount Heat Sink For TO-220 Devices
CSM221-28AE OHMITE-CSM221-28AE Datasheet
411Kb / 2P
The economically priced CSM Series is suitable
CSM221-28AE OHMITE-CSM221-28AE Datasheet
411Kb / 2P
Board Mount Heat Sink For TO-220 Devices
CSM221-40AE OHMITE-CSM221-40AE Datasheet
411Kb / 2P
The economically priced CSM Series is suitable
More results


Similar Description - CSM2214-470M

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
Power Inductor - High Current
logo
Shenzhen Codaca Electro...
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
High Current Power Inductor
07/14/2020
CPQ4228 CODACA-CPQ4228 Datasheet
783Kb / 4P
High Current Power Inductor
07/14/2020
CPU2916 CODACA-CPU2916 Datasheet
761Kb / 4P
High Current Power Inductor
07/14/2020
CSCF2918H CODACA-CSCF2918H Datasheet
832Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2722 CODACA-CPEX2722 Datasheet
764Kb / 4P
High Current Power Inductor
07/14/2020
CSCM1460 CODACA-CSCM1460 Datasheet
897Kb / 5P
High Current Power Inductor
07/14/2020
CSCM1480L CODACA-CSCM1480L Datasheet
871Kb / 5P
High Current Power Inductor
07/14/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com