Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

901802 Datasheet (PDF) - Alpha Wire

901802 Datasheet PDF - Alpha Wire
Part # 901802
Download  901802 Download
File Size   99.43 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

901802 Datasheet (PDF)

Go To PDF Page Download Datasheet
901802 Datasheet PDF - Alpha Wire

Part # 901802
Download  901802 Click to download

File Size   99.43 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

901802 Datasheet (HTML) - Alpha Wire


901802 Product details

Construction
1) Component 1 2 X 1 COND
a) Conductor 18 (19/30) AWG Bare Copper 0.050
b) Insulation
0.016" Wall, Nom. PVC/ 0.005" Wall
NYLON
0.092
(1) Print
ALPHANUMERIC NUMBERS - 1-ONE ALTERNATING AND
INVERTED
(2) Color Code Alpha Wire Color Code KY
Cond Color Cond Color Cond Color
1 BLACK #1 2 BLACK #2
2) Cable Assembly 2 Components Cabled
a) Twists: 4.8 Twists/foot (min)
b) Orientation:
Components to be arranged from
OUTSIDE LAYER to INSIDE LAYER
c) Core Wrap REMAY Tape, 25% Overlap, Min.
3) Jacket 0.050" Wall, Nom.,TPE 0.299+/- 0.017
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 901802 2C 18 AWG (0.963mm2)
(UL) TYPE TC 90C WET/DRY 600V OIL RES I/II SUN RES
OR PLTC 90C OR C(UL) CIC CONTROL/TC 90C
PVC/NYLON INS FT4 18 AWG
OR CRU AWM I/II A/B 90C 600V FT4
CE ROHS (DATE CODE) (SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 901802

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
901803 ALPHAWIRE-901803 Datasheet
99Kb / 4P
Customer Specification
3/15/2023
901803CY ALPHAWIRE-901803CY Datasheet
99Kb / 4P
Customer Specification
3/15/2023
901804 ALPHAWIRE-901804 Datasheet
99Kb / 4P
Customer Specification
3/15/2023
901804CY ALPHAWIRE-901804CY Datasheet
99Kb / 4P
Customer Specification
3/15/2023
901805 ALPHAWIRE-901805 Datasheet
99Kb / 4P
Customer Specification
3/15/2023
More results


Similar Description - 901802

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com