Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

902002 Datasheet (PDF) - Alpha Wire

902002 Datasheet PDF - Alpha Wire
Part # 902002
Download  902002 Download
File Size   99.2 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

902002 Datasheet (PDF)

Go To PDF Page Download Datasheet
902002 Datasheet PDF - Alpha Wire

Part # 902002
Download  902002 Click to download

File Size   99.2 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

902002 Datasheet (HTML) - Alpha Wire


902002 Product details

Construction
1) Component 1 2 X 1 COND
a) Conductor 20 (10/30) AWG Bare Copper 0.037
b) Insulation
0.016" Wall, Nom. PVC/ 0.005" Wall
NYLON
0.079
(1) Print
ALPHANUMERIC NUMBERS - 1-ONE ALTERNATING AND
INVERTED
(2) Color Code Alpha Wire Color Code KY
Cond Color Cond Color Cond Color
1 BLACK #1 2 BLACK #2
2) Cable Assembly 2 Components Cabled
a) Twists: 6.0 Twists/foot (min)
b) Orientation:
Components to be arranged from
OUTSIDE LAYER to INSIDE LAYER
c) Core Wrap REMAY Tape, 25% Overlap, Min.
3) Jacket 0.040" Wall, Nom.,TPE 0.253+/- 0.015
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 902002 2C 20 AWG (0.507mm2)
(UL) TYPE PLTC 90C OIL RES I/II SUN RES
OR RU AWM STYLE 20626 90C 600V
OR CRU AWM I/II A/B 90C 600V FT4
CE ROHS (DATE CODE) (SEQ FOOTAGE)
* = Factory Code




Similar Part No. - 902002

ManufacturerPart #DatasheetDescription
logo
AUER Signal GmbH
902002900 AUERSIGNAL-902002900 Datasheet
583Kb / 7P
Eco-Modul 40 Signal tower
More results


Similar Description - 902002

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com