Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQJ136ELP Datasheet (PDF) - Vishay Siliconix

SQJ136ELP Datasheet PDF - Vishay Siliconix
Part # SQJ136ELP
Download  SQJ136ELP Download
File Size   344.33 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 40 V (D-S) 175 °C MOSFET

SQJ136ELP Datasheet (PDF)

Go To PDF Page Download Datasheet
SQJ136ELP Datasheet PDF - Vishay Siliconix

Part # SQJ136ELP
Download  SQJ136ELP Click to download

File Size   344.33 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 40 V (D-S) 175 °C MOSFET

SQJ136ELP Datasheet (HTML) - Vishay Siliconix


SQJ136ELP Product details

FEATURES
• TrenchFET® Gen IV power MOSFET
• AEC-Q101 qualified
• 100 % Rg and UIS tested
• Material categorization: for definitions of
compliance please see
www.vishay.com/doc?99912




Similar Part No. - SQJ136ELP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ136ELP VISHAY-SQJ136ELP Datasheet
249Kb / 8P
Automotive N-Channel 40 V (D-S) 175 °C MOSFET
12-Oct-2020
SQJ136ELP VISHAY-SQJ136ELP Datasheet
252Kb / 8P
Automotive N-Channel 40 V (D-S) 175 °C MOSFET
12-Oct-2020
SQJ136ELP VISHAY-SQJ136ELP_V01 Datasheet
252Kb / 8P
Automotive N-Channel 40 V (D-S) 175 °C MOSFET
12-Oct-2020
More results


Similar Description - SQJ136ELP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ3418EEV VISHAY-SQ3418EEV Datasheet
214Kb / 11P
Automotive N-Channel 40 V (D-S) 175 °C MOSFET
07-Nov-11
SQD50N04-3M5L VISHAY-SQD50N04-3M5L Datasheet
163Kb / 9P
Automotive N-Channel 40 V (D-S) 175 °C MOSFET
20-Aug-12
SQS400EN VISHAY-SQS400EN Datasheet
563Kb / 13P
Automotive N-Channel 40 V (D-S) 175 °C MOSFET
31-Oct-11
SQM50N044M1 VISHAY-SQM50N044M1_15 Datasheet
167Kb / 10P
Automotive N-Channel 40 V (D-S) 175 °C MOSFET
26-Mar-12
SQM120N04-1M7 VISHAY-SQM120N04-1M7_15 Datasheet
163Kb / 10P
Automotive N-Channel 40 V (D-S) 175 °C MOSFET
12-Mar-12
SQM120N04-1M9 VISHAY-SQM120N04-1M9_15 Datasheet
164Kb / 10P
Automotive N-Channel 40 V (D-S) 175 °C MOSFET
09-Apr-12
SQ2318AES VISHAY-SQ2318AES Datasheet
281Kb / 11P
Automotive N-Channel 40 V (D-S) 175 °C MOSFET
09-Dec-13
SQS484ENW VISHAY-SQS484ENW Datasheet
215Kb / 7P
Automotive N-Channel 40 V (D-S) 175 °C MOSFET
24-Oct-16
SQM120N04-1M7 VISHAY-SQM120N04-1M7 Datasheet
163Kb / 9P
Automotive N-Channel 40 V (D-S) 175 °C MOSFET
12-Mar-12
SQM40016EM VISHAY-SQM40016EM_V01 Datasheet
213Kb / 9P
Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com