Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQJ147ELP Datasheet (PDF) - Vishay Siliconix

SQJ147ELP Datasheet PDF - Vishay Siliconix
Part # SQJ147ELP
Download  SQJ147ELP Download
File Size   353.03 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive P-Channel 40 V (D-S) 175 °C MOSFET

SQJ147ELP Datasheet (PDF)

Go To PDF Page Download Datasheet
SQJ147ELP Datasheet PDF - Vishay Siliconix

Part # SQJ147ELP
Download  SQJ147ELP Click to download

File Size   353.03 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive P-Channel 40 V (D-S) 175 °C MOSFET

SQJ147ELP Datasheet (HTML) - Vishay Siliconix


SQJ147ELP Product details

FEATURES
• TrenchFET® power MOSFET
• AEC-Q101 qualified
• 100 % Rg and UIS tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912




Similar Part No. - SQJ147ELP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ147ELP VISHAY-SQJ147ELP Datasheet
258Kb / 8P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
24-Aug-2020
SQJ147ELP VISHAY-SQJ147ELP Datasheet
260Kb / 8P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
24-Aug-2020
SQJ147ELP VISHAY-SQJ147ELP_V01 Datasheet
260Kb / 8P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
24-Aug-2020
More results


Similar Description - SQJ147ELP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2319ES VISHAY-SQ2319ES Datasheet
224Kb / 10P
Automotive P-Channel 40 V (D-S) 175 C MOSFET
07-Nov-11
SQD50P04-13L VISHAY-SQD50P04-13L_15 Datasheet
169Kb / 11P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
29-Dec-14
SQS401EN VISHAY-SQS401EN_15 Datasheet
1Mb / 14P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
31-Oct-11
SQM40031EL VISHAY-SQM40031EL Datasheet
173Kb / 6P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
23-Jan-17
SQM120P04-04L VISHAY-SQM120P04-04L_V01 Datasheet
165Kb / 9P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
06-Jul-2020
SQS415ENW VISHAY-SQS415ENW_V02 Datasheet
249Kb / 9P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
18-Dec-2019
SQM120P04-04L VISHAY-SQM120P04-04L_V02 Datasheet
164Kb / 9P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
06-Jul-2020
SQM50P04-09L VISHAY-SQM50P04-09L_V01 Datasheet
161Kb / 9P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
30-Jul-12
SQ4401CEY VISHAY-SQ4401CEY_V01 Datasheet
157Kb / 6P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
24-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com