Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQJ180EP Datasheet (PDF) - Vishay Siliconix

SQJ180EP Datasheet PDF - Vishay Siliconix
Part # SQJ180EP
Download  SQJ180EP Download
File Size   329.42 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 80 V (D-S) 175 °C MOSFET

SQJ180EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SQJ180EP Datasheet PDF - Vishay Siliconix

Part # SQJ180EP
Download  SQJ180EP Click to download

File Size   329.42 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 80 V (D-S) 175 °C MOSFET

SQJ180EP Datasheet (HTML) - Vishay Siliconix


SQJ180EP Product details

FEATURES
• TrenchFET® Gen IV power MOSFET
• AEC-Q101 qualified
• 100 % Rg and UIS tested
• Qgd/Qgs ratio < 1 optimizes switching
characteristics
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912




Similar Part No. - SQJ180EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ180EP VISHAY-SQJ180EP Datasheet
186Kb / 7P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
19-Apr-2021
SQJ180EP VISHAY-SQJ180EP Datasheet
237Kb / 9P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
19-Apr-2021
SQJ180EP VISHAY-SQJ180EP_V01 Datasheet
237Kb / 9P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
19-Apr-2021
More results


Similar Description - SQJ180EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJA80EP VISHAY-SQJA80EP Datasheet
188Kb / 7P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
22-Sep-16
SQJA84EP VISHAY-SQJA84EP Datasheet
232Kb / 7P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
29-Aug-16
SQJA86EP VISHAY-SQJA86EP Datasheet
220Kb / 7P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
03-Oct-16
SQJA92EP VISHAY-SQJA92EP Datasheet
225Kb / 7P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
14-Nov-16
SQJA94EP VISHAY-SQJA94EP Datasheet
232Kb / 7P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
29-Aug-16
SQSA82CENW VISHAY-SQSA82CENW_V01 Datasheet
189Kb / 6P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
22-Nov-2021
SQJQ186ER VISHAY-SQJQ186ER_V01 Datasheet
182Kb / 6P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
04-Apr-2022
SQJA84EP VISHAY-SQJA84EP_V02 Datasheet
293Kb / 10P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
14-Feb-2022
SQJA86EP VISHAY-SQJA86EP_V02 Datasheet
279Kb / 10P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
14-Feb-2022
SQJA96EP VISHAY-SQJA96EP_V02 Datasheet
278Kb / 10P
Automotive N-Channel 80 V (D-S) 175 °C MOSFET
05-Sep-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com