Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5049 Datasheet (PDF) - Analog Devices

ADRF5049 Datasheet PDF - Analog Devices
Part # ADRF5049
Download  ADRF5049 Download
File Size   1945.58 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz

ADRF5049 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5049 Datasheet PDF - Analog Devices

Part # ADRF5049
Download  ADRF5049 Click to download

File Size   1945.58 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz

ADRF5049 Datasheet (HTML) - Analog Devices


ADRF5049 Product details

GENERAL DESCRIPTION
The ADRF5049 is a nonreflective SP4T switch manufactured in the
silicon on insulator (SOI) process.
This device operates from 9 kHz to 45 GHz with an insertion loss
of lower than 3.3 dB and isolation of higher than 35 dB. The
ADRF5049 has an RF input power handling capability of 30 dBm
through path, 18 dBm terminated path, and 30 dBm hot switching at
the RF common port. The ADRF5049 requires a dual-supply voltage of +3.3 V and
−3.3 V. The device employs complimentary metal-oxide semiconductor
(CMOS)-/low-voltage transistor to transistor logic (LVTTL)
logic-compatible controls. The ADRF5049 has enable and logic select controls to feature all
off state and mirror port selection, respectively.
The ADRF5049 is pin compatible with the ADRF5042 and
ADRF5043. The ADRF5049 comes in a 24-terminal, 3 mm × 3 mm, RoHS
compliant, land grid array (LGA) package and can operate from −40°C to +105°C.

FEATURES
► Ultrawideband frequency range: 9 kHz to 45 GHz
► Nonreflective 50 Ω design
► Low insertion loss
► 1.3 dB to 18 GHz typical
► 2.2 dB to 40 GHz typical
► 3.3 dB to 45 GHz typical
► High isolation
► 44 dB to 18 GHz typical
► 40 dB to 40 GHz typical
► 35 dB to 45 GHz typical
► High input linearity
► P0.1dB: >30 dBm typical
► IP3: 50 dBm typical
► High RF input power
► 30 dBm through path
► 18 dBm terminated path
► No low frequency spurious
► ESD ratings
► HBM: ±2000 V for all pins
► CDM: ±500 V for all pins
► On and off time (50% VCTRL to 90% of final RFOUT): 2.7 μs
► 0.1 dB RF settling time (50% VCTRL to 0.1 dB of final RF output):3.4 μs
► 3 mm x 3 mm, 24-terminal LGA package
► Pin compatible with the ADRF5042 and ADRF5043

APPLICATIONS
► Industrial scanners
► Test instrumentation
► Cellular infrastructure—mmWave 5G
► Military radios, radars, and electronic counter measures (ECMs)
► Microwave radios and very small aperture terminals (VSATs)




Similar Part No. - ADRF5049

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5040 AD-ADRF5040 Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040-EVALZ AD-ADRF5040-EVALZ Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040BCPZ AD-ADRF5040BCPZ Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040BCPZ-R7 AD-ADRF5040BCPZ-R7 Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
More results


Similar Description - ADRF5049

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS115-61 SKYWORKS-AS115-61_05 Datasheet
114Kb / 4P
GaAs IC SP4T Nonreflective Switch 300 kHz-2 GHz
logo
Analog Devices
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
REV. 0
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5043 AD-ADRF5043 Datasheet
487Kb / 12P
Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5047 AD-ADRF5047 Datasheet
552Kb / 15P
Silicon SP4T Switch, Reflective, 9 kHz to 44 GHz
11/2019-Revision 0
ADRF5045 AD-ADRF5045 Datasheet
372Kb / 14P
9 kHz to 30 GHz, Silicon, SP4T Switch
3/2020-Rev. 0 to Rev. A
ADRF5023 AD-ADRF5023 Datasheet
593Kb / 12P
Silicon SPDT Switch, Nonreflective , 9 kHz to 45 GHz
Rev. 0
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
ADRF5048 AD-ADRF5048 Datasheet
1Mb / 13P
Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com