Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3073 Datasheet (PDF) - Analog Devices

LT3073 Datasheet PDF - Analog Devices
Part # LT3073
Download  LT3073 Download
File Size   1054.75 Kbytes
Page   37 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator

LT3073 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3073 Datasheet PDF - Analog Devices

Part # LT3073
Download  LT3073 Click to download

File Size   1054.75 Kbytes
Page   37 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator

LT3073 Datasheet (HTML) - Analog Devices


LT3073 Product details

GENERAL DESCRIPTION
The LT®3073 is a low voltage, ultra-low noise, and
ultra-fast transient response linear regulator. The
device supplies up to 3A with a typical dropout
voltage of 45mV. A 4.7μF reference bypass capacitor
decreases output voltage noise to 1.2μVRMS. The wide
bandwidth and high PSRR permit the use of small
ceramic capacitors, saving bulk capacitance and cost.
The LT3073 is ideal for powering high-performance
FPGAs, data converters, RF, and noise-sensitive signal
chain applications.
The output voltage is digitally selectable in 50mV
increments from 0.5V to 1.2V, 100mV increments from
1.2V to 1.8V, and discrete levels at 2V, 2.5V, 3V, 3.3V,
and 4.2V. The LT3073’s unity-gain operation provides
virtually constant output noise, PSRR, bandwidth,
and load regulation independent of the programmed
output voltage. In addition, the LT3073 incorporates
a unique tracking feature (VIOC) to control the
upstream switching regulator to maintain a constant
voltage across the LT3073 and minimize power
dissipation.
A precision current monitor provides power
monitoring for system energy management, while
precision current limiting allows users to minimize
input power supply size and cost. Built-in protection
includes UVLO, internal current limit, and thermal
shutdown with hysteresis. The LT3073 is available in
a compact 22-lead (3mm X 4mm) LQFN package
(Laminate package with QFN footprint).

FEATURES
 Ultra-low RMS Noise: 1.2μVRMS (10Hz to 100kHz)
 Ultra-low Spot Noise: 3nV/√ at 10kHz
 Ultra-low 1/f Noise: 7μVP-P from 0.1Hz to 10Hz
 High-Frequency PSRR: 52dB at 1MHz
 Ultra-fast Transient Response
 Dropout Voltage: 45mV Typical
 Digitally Programmable VOUT: 0.5V to 4.2V
 Output Tolerance: ±1.5% Over Line, Load, and
Temperature
 Precision Current Monitor: ±3% accuracy at 3A
 Programmable Current Limit: ±3% at 3A
 Input Range: 0.6V to 5.5V
 Digital Output Margining: ±2.5%
 Stable with Ceramic Output Capacitors (10μF
Minimum)
 Parallel Multiple Devices for Higher Current
 VIOC Pin to Control Upstream Switching Converter
 Precision Enable/Under Voltage Lock Out (UVLO)
 Power Good (PG) Flag
 Temperature Monitor
 22-Lead (3mm x 4mm) LQFN Package

APPLICATIONS
 RF Power Supplies: PLLs, VCOs, Mixers, LNAs, PAs
 High Speed/High Precision Data Converters
 Low Noise Instrumentation
 Post-Regulator for Switching Supplies
 FPGA and DSP Power Supplies
 Medical Applications




Similar Part No. - LT3073

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT3073 AD-LT3073 Datasheet
930Kb / 38P
5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
Rev. 0
LT3073 AD-LT3073 Datasheet
2Mb / 62P
5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
Rev.0
More results


Similar Description - LT3073

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3876-ADJ NSC-LP3876-ADJ Datasheet
303Kb / 14P
3A Fast Ultra Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
uPI Group Inc.
UP8804P UPI-UP8804P Datasheet
698Kb / 15P
Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8805P UPI-UP8805P Datasheet
704Kb / 14P
Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8808 UPI-UP8808 Datasheet
294Kb / 16P
Ultra Low Noise, Fast Response, High PSRR 1A Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com