Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8306 Datasheet (PDF) - Analog Devices

LT8306 Datasheet PDF - Analog Devices
Part # LT8306
Download  LT8306 Download
File Size   613.78 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60V Low IQ No-Opto Isolated Flyback Controller

LT8306 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8306 Datasheet PDF - Analog Devices

Part # LT8306
Download  LT8306 Click to download

File Size   613.78 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60V Low IQ No-Opto Isolated Flyback Controller

LT8306 Datasheet (HTML) - Analog Devices


LT8306 Product details

DESCRIPTION
The LT®8306 is a micropower isolated flyback
controller in a 6-lead ThinSOT™ package. By sampling
the isolated output voltage directly from the primaryside
flyback waveform, the part requires no third
winding or opto-isolator for regulation. The output
voltage is programmed with a single external resistor.
Internal compensation and soft-start further reduce
external component count. Boundary mode
operation provides a small magnetic solution with
excellent load regulation. Low ripple burst mode
operation maintains high efficiency at light load while
minimizing the output voltage ripple. The LT8306
drives a low side N-channel power MOSFET with 8V
gate drive.
The LT8306 has a wide input voltage range of 4.5V to
60V. The high level of integration and the use of
boundary and low ripple burst modes result in a
simple-to-use, low component count, and high
efficiency application solution for isolated power
delivery.

FEATURES
 Wide Input Voltage Range: 4.5V to 60V
 Low Quiescent Current
 120μA in Sleep Mode
 390μA in Active Mode
 Quasi-Resonant Boundary Mode Operation at
Heavy Load
 Low Ripple Burst Mode® Operation at Light Load
 Minimum Load < 0.5% (Typ) of Full Output
 VOUT Set with a Single External Resistor
 8V Gate Drive for External NFET
 No Transformer Third Winding or Opto-Isolator
Required for Regulation
 Accurate EN/UVLO Threshold and Hysteresis
 Internal Compensation and Soft-Start
 Output Short-Circuit Protection
 6-Lead TSOT-23 Package
 AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
 Isolated Telecom, Automotive, Industrial, Medical Power Supplies
 Isolated Auxiliary/Housekeeping Power Supplies




Similar Part No. - LT8306

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT830 LETEX-LT830 Datasheet
103Kb / 3P
Photo DMOS-FET Relay
logo
Linear Technology
LT8300 LINER-LT8300 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT8300 LINER-LT8300 Datasheet
537Kb / 24P
140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LT8300 LINER-LT8300 Datasheet
732Kb / 48P
Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
logo
Analog Devices
LT8300 AD-LT8300 Datasheet
1Mb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
06/19-REV.A
More results


Similar Description - LT8306

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
Isolated No-Opto Synchronous Flyback Controller
LTC4278 LINER-LTC4278_12 Datasheet
504Kb / 42P
Synchronous No-Opto Flyback Controller
LT3798 LINER-LT3798 Datasheet
257Kb / 20P
Isolated No Opto-Coupler Flyback Controller
LT3798 LINER-LT3798_15 Datasheet
418Kb / 20P
Isolated No Opto-Coupler Flyback Controller with Active PFC
LT3837 LINER-LT3837_15 Datasheet
321Kb / 28P
Isolated No-Opto Synchronous Flyback Controller
logo
Linear Integrated Syste...
LT8303ES5 LINEAR-LT8303ES5 Datasheet
32Kb / 1P
MICROPOWER NO-OPTO ISOLATED FLYBACK CONVERTER
logo
Linear Technology
LT8302 LINER-LT8302 Datasheet
556Kb / 6P
Micropower No-Opto Isolated Flyback Converter
logo
Maxim Integrated Produc...
MAX17690 MAXIM-MAX17690_17 Datasheet
802Kb / 22P
60V, No-Opto Isolated Flyback Controller
Rev 1; 12/16
logo
Analog Devices
LT3001 AD-LT3001 Datasheet
565Kb / 10P
36V 4W No-Opto Isolated Flyback Converter
ADPL54203 AD-ADPL54203 Datasheet
925Kb / 34P
40VIN Micropower No-Opto Isolated Flyback Converter with 60V/3.4A Switch
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com