Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A31316 Datasheet (PDF) - Allegro MicroSystems

A31316 Datasheet PDF - Allegro MicroSystems
Part # A31316
Download  A31316 Download
File Size   3302.15 Kbytes
Page   61 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 3D Magnetic Position Sensor IC

A31316 Datasheet (PDF)

Go To PDF Page Download Datasheet
A31316 Datasheet PDF - Allegro MicroSystems

Part # A31316
Download  A31316 Click to download

File Size   3302.15 Kbytes
Page   61 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 3D Magnetic Position Sensor IC

A31316 Datasheet (HTML) - Allegro MicroSystems


A31316 Product details

FEATURES AND BENEFITS
• 3D magnetic sensor enables flexible mechanical
integration for contactless linear and rotary position
applications
• Configurable signal path processing and on-chip angle
calculation for accurate 360° and short stroke (<360°)
rotary applications
• Multiple programmable linearization options for
maximum measurement accuracy:
□ Piecewise-linear and binning modes
□ Up to 33-point fixed position
□ Up to 22-point programmable positions
• PWM and SENT (SAE J2716) output formats
• Integrated IC diagnostics for high reliability
• Developed in accordance with ISO 26262 requirements
for hardware product development for use in safetycritical
applications targeting ASIL B compatibility
(pending assessment)
• Broken wire detection
• 5 V operation with Undervoltage Detection (UVD)
• Built-In Self-Test (BIST) Diagnostic Capability
• Wide operating temperature range: –40°C to 150°C
• In package passives remove the need for external support
circuitry.

DESCRIPTION
The A31316 is a robust 3D Hall-effect magnetic position sensor
designed for on-axis and off-axis rotary as well as linear stroke
position measurement in automotive, industrial, and consumer
applications.
This sensor integrates vertical and planar Hall-effect elements
with precision temperature-compensation circuitry to detect
two out of three magnetic field components (X, Y, and Z).
Configurable signal processing, linearization, and angle
calculation allows the A31316 to accurately resolve the absolute
rotary (full 360° and short stroke <360°) or linear position of
a moving magnetic target.
The A31316 features PWM or SENT (SAE J2716) interface
options to output the angle between the two factory-selected
axes or the field form a single axis. In addition, the SENT
interface provides the option to output the field measurement
from both channels.
On-chip EEPROM technology, capable of supporting up to
100 write cycles, is integrated for flexible programming of
configuration and calibration parameters and includes bits
provided for customer device identification purposes.
The A31316 contains on-chip diagnostic features required for
high reliability automotive applications, including monitors of
both internal and external fault conditions.
Developed in accordance with ISO 26262 as a hardware safety
element out of context (SEooC) with ASIL B capability for
use in automotive safety-related systems when integrated and
used in the manner prescribed in the applicable safety manual
and datasheet.




Similar Part No. - A31316

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
A3131 ALPHA-MICRO-A3131 Datasheet
138Kb / 2P
universal DSP-based PFC solution with Switching-mode
logo
Allegro MicroSystems
A31315 ALLEGRO-A31315 Datasheet
3Mb / 70P
3D Magnetic Position Sensor IC
September 20, 2022
A31315LLUBTR-XY-S-AR-10 ALLEGRO-A31315LLUBTR-XY-S-AR-10 Datasheet
3Mb / 70P
3D Magnetic Position Sensor IC
September 20, 2022
A31315LLUBTR-XY-S-SE-10 ALLEGRO-A31315LLUBTR-XY-S-SE-10 Datasheet
3Mb / 70P
3D Magnetic Position Sensor IC
September 20, 2022
A31315LLUBTR-XZ-S-AR-10 ALLEGRO-A31315LLUBTR-XZ-S-AR-10 Datasheet
3Mb / 70P
3D Magnetic Position Sensor IC
September 20, 2022
More results


Similar Description - A31316

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90333 ETC2-MLX90333 Datasheet
822Kb / 38P
Triaxis 3D-Joystick Position Sensor
logo
Melexis Microelectronic...
MLX90333 MELEXIS-MLX90333 Datasheet
822Kb / 38P
Triaxis 3D-Joystick Position Sensor
logo
ASM GmbH
PMIS3-20-5-50KHZ ASM-SENSOR-PMIS3-20-5-50KHZ Datasheet
238Kb / 9P
Magnetic Scale Position Sensor
logo
Bourns Electronic Solut...
AMM20B5A1BLASL380 BOURNS-AMM20B5A1BLASL380 Datasheet
269Kb / 2P
AMM20B Multiturn Magnetic Position Sensor
logo
Honeywell Solid State E...
APS00B HONEYWELL-APS00B Datasheet
607Kb / 6P
High Resolution Magnetic Angular Position Sensor IC
logo
Honeywell Accelerometer...
APS00A HONEYWELL-ACC-APS00A Datasheet
607Kb / 6P
High Resolution Magnetic Angular Position Sensor IC
logo
Infineon Technologies A...
TLV493D-A1B6 INFINEON-TLV493D-A1B6_15 Datasheet
138Kb / 4P
3D Magnetic Sensor
Revision 1.1 July 2015
logo
ams AG
AS5410 AMSCO-AS5410 Datasheet
610Kb / 56P
3D-Hall Absolute Linear Position Sensor
logo
Bourns Electronic Solut...
AMM20B5A1CLAS BOURNS-AMM20B5A1CLAS Datasheet
265Kb / 2P
Multiturn Magnetic Position Sensor
logo
Asahi Kasei Microsystem...
AK09970N AKM-AK09970N Datasheet
530Kb / 45P
3D Magnetic Sensor with Programmable Switch
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com