Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHV85111 Datasheet (PDF) - Allegro MicroSystems

AHV85111 Datasheet PDF - Allegro MicroSystems
Part # AHV85111
Download  AHV85111 Download
File Size   442.54 Kbytes
Page   3 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Self-Powered Single-Channel Isolated GaNFET Driver with Regulated Bipolar Output Drive

AHV85111 Datasheet (PDF)

Go To PDF Page Download Datasheet
AHV85111 Datasheet PDF - Allegro MicroSystems

Part # AHV85111
Download  AHV85111 Click to download

File Size   442.54 Kbytes
Page   3 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Self-Powered Single-Channel Isolated GaNFET Driver with Regulated Bipolar Output Drive

AHV85111 Datasheet (HTML) - Allegro MicroSystems


AHV85111 Product details

FEATURES AND BENEFITS
• Power-Thru integrated isolated bias
□ No high-side bootstrap or external secondary-side bias
• Bipolar drive output, with adjustable regulated positive rail
• Regulated 3.3 V low power bias output
• 50 ns propagation delay, with excellent device-to-device
matching of 5 ns
• Separate drive output pins: pull-up (2.8 Ω) and pull-down
(1.0 Ω)
• Supply voltage 10.5 V < VDRV < 13.2 V
• Undervoltage lockout on primary VDRV and secondary VSEC
• Enable pin with fast response
• Overtemperature protection
• CMTI > 100 V/ns dv/dt immunity
• Creepage distance > 8 mm
• Distance-through-insulation DTI ≥ 450 μm
• Safety regulatory approvals (pending)
□ 5.7 kV RMS VISO per UL 1577
□ 8 kV pk VIOTM maximum transient isolation voltage
per VDE0884-11
□ 630 V pk maximum working isolation voltage

DESCRIPTION
The AHV85111 isolated gate driver is optimized for driving
GaNFETs in multiple applications. An isolated dual positive/
negative output bias supply is integrated into the driver device,
eliminating external gate drive auxiliary bias supply or high-side
bootstrap. The bipolar output rails with adjustable and regulated
positive rail improves dv/dt immunity, greatly simplifies the
system design, and reduces EMI through reduced total commonmode
(CM) capacitance. It also allows the driving of a floating
switch in any location in a switching power topology.
The driver has fast propagation delay and high peak source/
sink capability to efficiently drive GaNFETs in high-frequency
designs. High CMTI combined with isolated outputs for both
bias power and drive make it ideal in applications requiring
isolation, level-shifting, or ground separation for noise immunity.
The device is available in a compact low-profile surface-mount
NH package. Several protection features are integrated, including
undervoltage lockout on primary and secondary bias rails,
internal pull-down on IN pin and OUTPD pin, fast response
enable input, and overtemperature shutdown.




Similar Part No. - AHV85111

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
AHV85110 ALLEGRO-AHV85110 Datasheet
438Kb / 3P
Self-Powered Single-Channel Isolated GaNFET Driver with Power-Thru Integrated Isolated Bias Supply
August 30, 2022
AHV85110KNHTR ALLEGRO-AHV85110KNHTR Datasheet
438Kb / 3P
Self-Powered Single-Channel Isolated GaNFET Driver with Power-Thru Integrated Isolated Bias Supply
August 30, 2022
More results


Similar Description - AHV85111

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1531 LINER-LTC1531 Datasheet
266Kb / 16P
Self-Powered Isolated Comparator
LTC1531 LINER-LTC1531_15 Datasheet
196Kb / 16P
Self-Powered Isolated Comparator
logo
GAPTEC Electronic GmbH ...
3TAW GAPTEC-3TAW Datasheet
937Kb / 4P
3W - Single Output - Wide Input - Isolated & Regulated
5TAW GAPTEC-5TAW Datasheet
679Kb / 4P
5W - Single Output - Wide Input - Isolated & Regulated
10DRW4 GAPTEC-10DRW4 Datasheet
2Mb / 5P
10W - Single Output - Wide Input - Isolated & Regulated
20DAW4-3 GAPTEC-20DAW4-3 Datasheet
1Mb / 5P
20W - Single Output - Wide Input - Isolated & Regulated
40DAWE GAPTEC-40DAWE Datasheet
2Mb / 5P
40W - Single Output - Wide Input - Isolated & Regulated
LCN78 GAPTEC-LCN78 Datasheet
356Kb / 2P
Wide Input Non-Isolated & Regulated, Single Output
logo
Maxim Integrated Produc...
MAX22530 MAXIM-MAX22530 Datasheet
939Kb / 36P
Field-Side Self-Powered, 4-Channel, 12-bit, Isolated ADC
Rev 0; 3/21
logo
Allegro MicroSystems
AHV85110 ALLEGRO-AHV85110 Datasheet
438Kb / 3P
Self-Powered Single-Channel Isolated GaNFET Driver with Power-Thru Integrated Isolated Bias Supply
August 30, 2022
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com