Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC015N04NM5 Datasheet (PDF) - Infineon Technologies AG

ISC015N04NM5 Datasheet PDF - Infineon Technologies AG
Part # ISC015N04NM5
Download  ISC015N04NM5 Download
File Size   1333.77 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM 5 Power-Transistor, 40 V

ISC015N04NM5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISC015N04NM5 Datasheet PDF - Infineon Technologies AG

Part # ISC015N04NM5
Download  ISC015N04NM5 Click to download

File Size   1333.77 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM 5 Power-Transistor, 40 V

ISC015N04NM5 Datasheet (HTML) - Infineon Technologies AG


ISC015N04NM5 Product details

Features
• Battery powered application
• LV motor drives
• Very low on-resistance RDS(on)
• 100% avalanche tested
• Superior thermal resistance
• N-channel
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
• 175 °C rated




Similar Part No. - ISC015N04NM5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC015N03LF2S INFINEON-ISC015N03LF2S Datasheet
1Mb / 14P
MOSFET StrongIRFET™ 2 Power‑Transistor, 30 V
Revision 1.1 2024-11-25
ISC015N06NM5LF INFINEON-ISC015N06NM5LF Datasheet
1Mb / 12P
OptiMOSTM 5 Linear FET, 60 V
Rev. 2.0, 2023-06-06
ISC015N06NM5LF2 INFINEON-ISC015N06NM5LF2 Datasheet
1Mb / 12P
OptiMOSTM 5 Linear FET 2, 60 V
Rev. 2.1, 2023-11-08
More results


Similar Description - ISC015N04NM5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC019N04NM5 INFINEON-ISC019N04NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 40 V
Rev.2.1,2020-03-22
ISC010N04NM6 INFINEON-ISC010N04NM6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.0,2020-11-02
ISC028N04NM5 INFINEON-ISC028N04NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 40 V
Rev.2.1,2020-03-22
BSC059N04LS6 INFINEON-BSC059N04LS6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.1,2020-07-22
ISC036N04NM5 INFINEON-ISC036N04NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 40 V
Rev.2.1,2020-03-23
ISC058N04NM5 INFINEON-ISC058N04NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 40 V
Rev.2.1,2020-03-23
BSZ018N04LS6 INFINEON-BSZ018N04LS6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.1,2020-03-31
BSC007N04LS6SC INFINEON-BSC007N04LS6SC Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2022-10-06
ISC017N04NM5 INFINEON-ISC017N04NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 40 V
Rev. 2.1, 2020-03-22
ISC046N04NM5 INFINEON-ISC046N04NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 40 V
Rev. 2.1, 2020-03-23
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com